Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 75 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 75 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 355 page
background image
38B5 Group User’s Manual
1-59
HARDWARE
FUNCTIONAL DESCRIPTION
Buzzer Output Circuit
The 38B5 group has a buzzer output circuit. One of 1 kHz, 2 kHz and
4 kHz (at XIN = 4.19 MHz) frequencies can be selected by the buzzer
output control register (address 0EFD16). Either P43/BUZ01 or P20/
BUZ02/FLD0 can be selected as a buzzer output port by the output
port selection bits (b2 and b3 of address 0EFD16).
The buzzer output is controlled by the buzzer output ON/OFF bit
(b4).
Fig. 66 Block diagram of buzzer output circuit
Fig. 67 Structure of buzzer output control register
f(XIN)
1/1024
1/2048
1/4096
Port latch
Buzzer output
Buzzer output ON/OFF bit
Output port control signal
Port direction register
Divider
Buzzer output control register
(BUZCON: address 0EFD16)
Output frequency selection bits (XIN = 4.19 MHz)
00 : 1 kHz (f(XIN)/4096)
01 : 2 kHz (f(XIN)/2048)
10 : 4 kHz (f(XIN)/1024)
11 : Not available
Output port selection bits
00 : P20 and P43 function as ordinary ports.
01 : P43/BUZ01 functions as a buzzer output.
10 : P20/BUZ02/FLD0 functions as a buzzer output.
11 : Not available
Buzzer output ON/OFF bit
0 : Buzzer output OFF (“0” output)
1 : Buzzer output ON
Not used (return “0” when read)
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com