Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 355 page
background image
38B5 Group User’s Manual
1-5
HARDWARE
PIN DESCRIPTION
Table 2 Pin description (2)
Function except a port function
Pin
Name
Function
P50/SIN1,
I/O port P5
• 8-bit CMOS I/O port with the same function as port P0.
• Serial I/O1 function pins
P51/SOUT1,
• CMOS compatible input level.
P52/SCLK11,
• CMOS 3-state output structure.
P53/SCLK12
P54/RXD,
• Serial I/O2 function pins
P55/TXD,
P56/SCLK21,
P57/SRDY2/
SCLK22
P60/CNTR1 I/O port P6
• 1-bit I/O port with the same function as port P0.
• Timer input pin
• CMOS compatible input level.
In the mask option type P,
• N-channel open-drain output structure.
CNTR1 cannot be used.
P61/CNTR0/
• 5-bit CMOS I/O port with the same function as port P0.
• Timer I/O pin
CNTR2
• CMOS compatible input level.
P62/SRDY1/
• CMOS 3-state output structure.
• Serial I/O1 function pin
AN8
• A-D conversion input pin
P63/AN9
• A-D conversion input pin
• Dimmer signal output pin
P64/INT4/
• Serial I/O1 function pin
SBUSY1/AN10,
• A-D conversion input pin
P65/SSTB1/
• Interrupt input pin (P64)
AN11
P70/AN0–
I/O port P7
• 8-bit CMOS I/O port with the same function as port P0.
• A-D conversion input pin
P77/AN7
• CMOS compatible input level.
• CMOS 3-state output structure.
P80/FLD32– I/O port P8
• 4-bit I/O port with the same function as port P0.
• FLD automatic display pins
P83/FLD35
• Low-voltage input level.
• High-breakdown-voltage P-channel open-drain output structure.
P84/FLD36
• 4-bit CMOS I/O port with the same function as port P0.
P85/RTP0/
• Low-voltage input level.
• FLD automatic display pins
FLD37,
• CMOS 3-state output structure
• Real time port output
P86/RTP1/
FLD38
P87/PWM0/
• FLD automatic display pins
FLD39
• 14-bit PWM output
P90/XCIN,
I/O port P9
• 2-bit CMOS I/O port with the same function as port P0.
• I/O pins for sub-clock generating
P91/XCOUT
• CMOS compatible input level.
circuit (connect a ceramic resona-
• CMOS 3-state output structure.
tor or a quarts-crystal oscillator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com