Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 67 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 67 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 355 page
background image
38B5 Group User’s Manual
1-51
HARDWARE
FUNCTIONAL DESCRIPTION
P84 to P87 FLD output reverse function
P84 to P87 are provided with a function to reverse the polarity of the
FLD output. This function is useful in adjusting the polarity when
using an externally installed driver.
The output polarity can be reversed by setting “1” to bit 0 of the port
P8 FLD output control register.
P84 to P87 FLDRAM write disable function
This function can disable writing data in the RAM area correspond-
ing to P84 to P87. This function can be set by setting “1” to bit 1 of the
port P8FLD output control register (address 0EFC16).
P84 to P87 Toff invalid function
P84 to P87 can output waveform in which Toff is invalid, when P84 to
P87 is selected FLD ports (See Figure 52).
The function is useful when using a 4 bits
→16 bits decoder. The Toff
can be invalid by setting “1” to bit 2 of the port P8FLD output control
register (address 0EFC16).
P84 to P87 output delay function
P84 to P87 can output waveform in which is delayed for 16
µs, when
selecting FLD port and selecting Toff invalid function (See Figure
52). When using a 4 bits
→16 bits decoder, the function can be use-
ful for prevention of leak radiation caused by phase discrepancy be-
tween segment output waveform and digit output waveform. This func-
tion can be set by setting “1” to bit 3 of the port P8FLD output control
register (address 0EFC16).
Dimmer signal output function
P63 can output the dimmer signal. When using a 4 bits
→16 bits
decoder, the dimmer signal can be used as a control signal for a 4
bits
→16 bits decoder. When using M35501FP, the dimmer signal
can be used as the CLK signal. The dimmer signal can be output by
setting “1” to bit 4 of the port P8FLD output control register (address
0EFC16).
Fig. 52 P84 to P87 FLD output waveform
Toff2 SET/RESET change function
The value of the Toff2 time set register is valid when gradation dis-
play mode is selected. The FLD ports output (set) the data of display
RAM at the end of the Toff1 time and output “0” (reset) at the end of
the Toff2 time, when bit 7 of the port P8FLD output control register is
“0”.
The FLD ports output (set) the data of display RAM at the end of the
Toff2 time and output “0” (reset) at the end of Tdisp time, when bit 7
of the port P8FLD output control register is “1”.
Fig. 53 Structure of port P8 FLD output control register
Port P8FLD output control register
(P8FLDCON: address 0EFC16)
P84–P87 FLD output reverse bit
0: Output normally
1: Reverse output
P84–P87 FLDRAM write disable bit
0: Operating normally
1: Write disabled
P84–P87 Toff invalid bit
0: Operating normally
1: Toff invalid
P84–P87 delay control bit (Note)
0: No delay
1: Delay
P63/AN9 dimmer output control bit
0: Ordinary port
1: Dimmer output
Not used (“0” at reading)
Toff2 control bit
0: Gradation display data is reset at Toff2
(set at Toff1)
1: Gradation display data is set at Toff2
(reset at Tdisp)
b7
b0
Note: Valid only when selecting FLD port and P8 4–P87 Toff invalid function
Segment
Digit
At Toff2 control bit = “0” in
gradation display mode
(at gradation display
control data= “1”)
Tdisp
Toff2
Toff1
16
µs
P84–P87
Toff invalid
P84–P87
Toff invalid
Delay
Dimmer signal
At Toff2 control bit = “1” in
gradation display mode
(at gradation display
control data= “1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com