Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 93 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 93 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 355 page
background image
2-5
APPLICATION
2.1 I/O port
38B5 Group User’s Manual
Fig. 2.1.7 Structure of port P9 direction register
Port P9 direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port P9 direction register
(P9D: address 1316)
0 : Port P90 input mode
1 : Port P90 output mode
b
0
1
2
3
4
5
Name
0
Functions
At reset R W
0 : Port P91 input mode
1 : Port P91 output mode
0
0
0
0
0
Port P9 direction
register
6
0
7
0
!!
!!
Nothing is arranged for these bits. When these
bits are read out, the contents are undefined.
0
0
!!
!!
!!
!!
Fig. 2.1.8 Structure of pull-up control register 1
Pull-up control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Pull-up control register 1
(PULL1: address 0EF016)
b
0
1
2
3
4
5
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
Ports P50, P51 pull-
up control
Ports P52, P53 pull-
up control
Ports P56, P57 pull-
up control
Port P61 pull-up
control
Ports P62, P63 pull-
up control
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
Ports P54, P55 pull-
up control
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
0: No pull-up
1: Pull-up
6
0
Ports P64, P65 pull-
up control
0: No pull-up
1: Pull-up
Note: The pin set to output port is cut off from pull-up control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com