Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 78 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 78 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 355 page
background image
38B5 Group User’s Manual
1-62
HARDWARE
FUNCTIONAL DESCRIPTION
Clock Generating Circuit
The 38B5 group has two built-in oscillation circuits. An oscillation
circuit can be formed by connecting a resonator between XIN and
XOUT (XCIN and XCOUT). Use the circuit constants in accordance with
the resonator manufacturer's recommended values. No
external resistor is needed between XIN and XOUT since a feedback
resistor exists on-chip. However, an external feedback resistor is
needed between XCIN and XCOUT.
Immediately after power on, only the XIN oscillation circuit starts
oscillating, and XCIN and XCOUT pins function as I/O ports.
qFrequency control
(1) Middle-speed mode
The internal system clock is the frequency of XIN divided by 4. After
reset, this mode is selected.
(2) High-speed mode
The internal system clock is the frequency of XIN.
(3) Low-speed mode
The internal system clock is the frequency of XCIN divided by 2.
sNote
If you switch the mode between middle/high-speed and low-speed,
stabilize both XIN and XCIN oscillations. The sufficient time is required
for the sub clock to stabilize, especially immediately after power on
and at returning from stop mode. When switching the mode between
middle/high-speed and low-speed, set the frequency on condition
that f(XIN) > 3f(XCIN).
(4) Low power consumption mode
The low power consumption operation can be realized by stopping
the main clock XIN in low-speed mode. To stop the main clock, set bit
5 of the CPU mode register to “1.” When the main clock XIN is re-
started (by setting the main clock stop bit to “0”), set enough time for
oscillation to stabilize.
By clearing furthermore the XCOUT drivability selection bit (b3) of CPU
mode register to “0,” low power consumption operation of less than
200 µA (f(XCIN) = 32 kHz) can be realized by reducing the drivability
between XCIN and XCOUT. At reset or during STP instruction execu-
tion this bit is set to “1” and a strong drivability that has an easy
oscillation start is set.
qOscillation control
(1) Stop mode
If the STP instruction is executed, the internal system clock stops at
an “H” level, and XIN and XCIN oscillators stop. Timer 1 is set to “FF16”
and timer 2 is set to “0116.”
Either XIN divided by 8 or XCIN divided by 16 is input to timer 1 as
count source, and the output of timer 1 is connected to timer 2. The
bits of the timer 12 mode register are cleared to “0.” Set the interrupt
enable bits of the timer 1 and timer 2 to disabled (“0”) before execut-
ing the STP instruction. Oscillator restarts when an external interrupt
is received, but the internal system clock is not supplied to the CPU
until timer 1 underflows. This allows time for the clock circuit oscilla-
tion to stabilize.
(2) Wait mode
If the WIT instruction is executed, the internal system clock stops at
an “H” level. The states of XIN and XCIN are the same as the state
before executing the WIT instruction. The internal system clock re-
starts at reset or when an interrupt is received. Since the oscillator
does not stop, normal operation can be started immediately after the
clock is restarted.
Fig. 71 Ceramic resonator circuit
Fig. 72 External clock input circuit
XCIN
XCOUT
XIN
XOUT
CIN
COUT
CCIN
CCOUT
Rf
Rd
XIN
XOUT
External oscillation circuit
VCC
VSS
open
XCIN
XCOUT
External oscillation circuit
or external pulse
open
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com