Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 65 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 65 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 355 page
background image
38B5 Group User’s Manual
1-49
HARDWARE
FUNCTIONAL DESCRIPTION
Timing setting
Each timing is set by the FLDC mode register, Tdisp time set regis-
ter, Toff1 time set register, and Toff2 time set register.
•Tdisp time setting
Set the Tdisp time by the Tdisp counter count source selection bit of
the FLDC mode register and the Tdisp time set register.
Supposing that the value of the Tdisp time set register is n, the
Tdisp time is represented as Tdisp = (n+1) ! t (t: count source
synchronization).
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Tdisp time set register is 200
(C816), the Tdisp time is: Tdisp = (200+1) ! 4 (at XIN= 4 MHz) = 804
µs. When reading the Tdisp time set register, the value in the
counter is read out.
•Toff1 time setting
Set the Toff1 time by the Toff1 time set register.
Supposing that the value of the Toff1 time set register is n1, the
Toff1 time is represented as Toff1 = n1 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff1 time set register is 30
(1E16), Toff1 = 30 ! 4 (at XIN = 4 MHz) = 120 µs.
Set a value of 0316 or more to the Toff1 time set register (address
0EF616).
•Toff2 time setting
Set the Toff2 time by the Toff2 time set register.
Supposing that the value of the Toff2 time set register is n2, the
Toff2 time is represented as Toff2 = n2 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff2 time set register is 180
(B416), Toff2 = 180 ! 4 (at XIN = 4 MHz) = 720 µs.
This Toff2 time setting is valid only for FLD ports which are in the
gradation display mode and whose gradation display control RAM
value is “1.”
When setting “1” to bit 7 of the P8FLD output control register (ad-
dress 0EFC16), set a value of 0316 or more to the Toff2 time set
register (address 0EF716).
FLD automatic display start
To perform FLD automatic display, set the following registers.
•Port P0FLD/port switch register
•Port P2FLD/port switch register
•Port P8FLD/port switch register
•FLDC mode register
•Tdisp time set register
•Toff1 time set register
•Toff2 time set register
•FLD data pointer
FLD automatic display mode is selected by writing “1” to the bit 0 of
the FLDC mode register (address 0EF416), and the automatic dis-
play is started by writing “1” to bit 1. During FLD automatic display,
bit 1 of the FLDC mode register (address 0EF416) always keeps “1,”
and FLD automatic display can be interrupted by writing “0” to bit 1.
Key-scan
When a key-scan is performed with the segment during key-scan
blanking period Tscan, take the following sequence:
1. Write “0” to bit 0 of the FLDC mode register (address 0EF416).
2. Set the port corresponding to the segment for key-scan to the
output port.
3. Perform the key-scan.
4. After the key-scan is performed, write “1” to bit 0 of FLDC mode
register (address 0EF416).
s Note
When performing a key-scan according to the above step 1 to 4, take
the following points into consideration.
1. Do not set “0” in bit 1 of the FLDC mode register (address 0EF416).
2. Do not set “1” in the ports corresponding to digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com