Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 107 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 107 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-19
2.2 Timer
2.2.3 Timer application examples
(1)
Basic functions and uses
[Function 1] Control of event interval (Timer 1 to Timer 6, Timer X: timer mode)
When a certain time, by setting a count value to each timer, has passed, the timer interrupt request occurs.
<Use>
•Generating of an output signal timing
•Generating of a wait time
[Function 2] Control of cyclic operation (Timer 1 to Timer 6, Timer X: timer mode)
The value of the timer latch is automatically written to the corresponding timer each time the timer
underflows, and each timer interrupt request occurs in cycles.
<Use>
•Generating of cyclic interrupts
•Clock function (measurement of 1 s); see “(2) Timer application example 1”
•Control of a main routine cycle
[Function 3] Output of rectangular waveform
(Timer 1, Timer 3, Timer 6, Timer X: pulse output mode)
The output level of the T1OUT pin, T3OUT pin, PWM1 pin or CNTR2 pin is inverted each time the timer
underflows.
<Use>
•Piezoelectric buzzer output; see “(3) Timer application example 2”
•Generating of the remote control carrier waveforms
[Function 4] Count of external pulses (Timer 2, Timer 4, Timer X: event counter mode)
External pulses input to the CNTR0 pin, CNTR1 pin, CNTR2 pin are counted as the timer count
source (in the event counter mode).
<Use>
•Frequency measurement; see “(4) Timer application example 3”
•Division of external pulses
•Generating of interrupts due to a cycle using external pulses as the count source; count of a reel pulse
[Function 5] Output of PWM signal (Timer 6)
“H” interval and “L” interval are specified, respectively, and the output of pulses from P44/PWM1
pin is repeated.
<Use>
•Control of electric volume
[Function 6] Measurement of external pulse width (Timer X: pulse width measurement mode)
The “H” or “L” level width of external pulses input to CNTR2 pin is measured.
<Use>
•Measurement of external pulse frequency (measurement of pulse width of FG pulse
V for a motor);
see “(5) Timer application example 4”
•Measurement of external pulse duty (when the frequency is fixed)
FG pulseV: Pulse used for detecting the motor speed to control the motor speed.
[Function 7] Control of real time port (Timer X: real time port function)
The data for real time is output from the P85 pin or P86 pin each time the timer underflows.
<Use>
•Stepping motor control; see “(6) Timer application example 5”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com