Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 104 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 104 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 355 page
background image
2-16
38B5 Group User’s Manual
APPLICATION
2.2 Timer
Fig. 2.2.11 Structure of Interrupt request register 1
Interrupt request register 1
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 1
(IREQ1 : address 3C16)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
INT0 interrupt
request bit
INT1 interrupt
request bit
Serial I/O1 interrupt
request bit
Serial I/O automatic
transfer interrupt
request bit
Timer X interrupt
request bit
Timer 1 interrupt
request bit
Timer 2 interrupt
request bit
INT2 interrupt
request bit
Remote controller
/counter overflow
interrupt request bit
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
0 : No interrupt request
issued
1 : Interrupt request issued
Timer 3 interrupt
request bit
0 : No interrupt request
issued
1 : Interrupt request issued
0
V
V
V
V
V
V
V
V
V: “0” can be set by software, but “1” cannot be set.
(3)
8-bit timer, 16-bit timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com