Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 108 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 108 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 108Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 109Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 110Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 111Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 112Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 355 page
background image
2-20
38B5 Group User’s Manual
APPLICATION
2.2 Timer
(2)
Timer application example 1: Clock function (measurement of 1 s)
Outline: The input clock is divided by the timer so that the clock can count up at 1 s intervals.
Specifications: •The clock f(XIN) = 4.19 MHz (222 Hz) is divided by the timer.
•The timer 3 interrupt request bit is checked in main routine, and if the interrupt
request is issued, the clock is counted up.
• The timer 1 interrupt occurs every 244
µs to execute processing of other interrupts.
Figure 2.2.15 shows the timers connection and setting of division ratios; Figure 2.2.16 shows the
relevant registers setting; Figure 2.2.17 shows the control procedure.
Fig. 2.2.15 Timers connection and setting of division ratios
f(XIN)
4.19 MHz
244
µs
1/16
1/64
1/256
1/160/1
0/1
0 : No interrupt request issued
1 : Interrupt request issued
1 second
Timer 1
Timer 1 interrupt
request bit
Timer 2Timer 3
Timer 3 interrupt request bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com