Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 194 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 194 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 190Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 191Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 192Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 193Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 194Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 195Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 196Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 197Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 198Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 355 page
background image
38B5 Group User’s Manual
2-106
APPLICATION
2.4 FLD controller
Control procedure:
Fig. 2.4.25 Control procedure
Initialization
P0D (address 000116), bit 4–bit 7
P0FPR (address 0EF916)
P2FPR (address 0EFA16)
FLDM (address 0EF416)
TDISP (address 0EF516)
TOFF1 (address 0EF616)
TOFF2 (address 0EF716)
FLDDP (address 0EF816)
00002
000000112
111111112
101000012
3216
A16
1016 (Note 1)
000010012
FLD automatic display RAM
(addresses 0FB016
–0FE916)
Data to be
display
Main processing
IREQ2 (address 003D16), bit 60
RESET
FLD automatic display function setting
FLD port setting
Port direction register setting
1 cycle or more wait
ICON2 (address 003F16), bit 6
1
FLDM (address 0EF416), bit 1
1
P1FLDRAM (address 0EF216)
P3FLDRAM (address 0EF316)
111111112
000000112
(Note 3)
Gradation display control
RAM
(addresses 0F6016–0F9916)
Gradation display
control data (Note 1)
Digit data and segment data setting (Note 2)
Setting of gradation display control data
Set “1” for dark display
Set “0” for bright display (Note 2)
Writing data to digit pin disabled
FLD digit interrupt request bit cleared
Wait until writing to the FLD digit interrupt request
bit is completed
FLD digit interrupt enabled
FLD automatic display start
Notes 1: When selecting the gradation display, set these
registers, too.
2: The display data can be rewritten at arbitrary
timing.
3: Set these registers according to necessity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com