Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 199 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 199 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 195Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 196Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 197Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 198Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 199Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 200Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 201Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 202Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 203Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 355 page
background image
2-111
38B5 Group User’s Manual
APPLICATION
2.4 FLD controller
Control procedure:
Fig. 2.4.31 Control procedure
RESET
Push registers to stack, etc.
P0 (address 000016), bit 0, bit 1
P1 (address 000216)
P2 (address 000416)
P3 (address 000616), bit 0, bit 1
002
0016
0016
002
Y
N
RTI
All column display is completed ?
N
Y
P0 (address 000016), bit 0, bit 1
P2 (address 000416)
Segment
data
P1 (address 000216)
P3 (address 000616), bit 0, bit 1
Digit data
qX: This bit is not used for this application.
Set “0” or “1” to this bit arbitrarily.
Initialization
P0D (address 000116
), bit 4–bit 7
P2D (address 000516)
FLDM (address 0EF416)
IREQ1 (address 003C16), bit 5
00002
111111112
1XXXXX002
0
1
0
Wait until completion of writing to timer 1 interrupt request bit
Timer 1 interrupt request bit cleared
Port direction registers setting
ICON1 (address 003E16), bit 5
T12M (address 002816), bit 0
Timer 1 interrupt: Enabled
Timer 1 count start
Timer 1 interrupt routine
Key-scan is completed ?
Wait until “H” level output of P2
is stabilized.
Set data table for key-scan to P2 (address 000416)
Wait for key-scan
Transfer the contents of P04 to P07
(address 000016) to RAM
Update the data table pointer for key-scan
Keys read-in
(Set the port P0 direction register (P0D) (address
000116) to the input mode on initialization, etc.)
Segment key-scan
FLD display turned off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com