Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
10
SMSC EMC2101
DATASHEET
Chapter 3 Electrical Specifications
3.1
Absolute Maximum Ratings
Note: Stresses above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied. When powering this device from
laboratory or system power supplies, it is important that the Absolute Maximum Ratings not be
exceeded or device failure can result. Some power supplies exhibit voltage spikes on their
outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
Note 3.1
For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed
3.6V when the EMC2101 is unpowered.
3.2
Electrical Specifications
Table 3.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage (VDD)
-0.3 to 5.0
V
Voltage on 5V tolerant pins (V5VT_pin)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_pin - VDD|) (see Note 3.1)
-0.3 to 3.6
V
Voltage on any other pin to Ground
-0.3 to VDD +0.3
V
Operating Temperature Range
-40 to 125
°C
Storage Temperature Range
-55 to 150
°C
Lead Temperature Range
Refer to JEDEC Spec. J-STD-
020
Package Thermal Characteristics for MSOP-8
Thermal Resistance
140.8
°C/W
Package Thermal Characteristics for SOIC-8
Thermal Resistance
135.9
°C/W
ESD Rating, All pins HBM
2000
V
Table 3.2 Electrical Specifications
VDD = 3.0V to 3.6V, TA = 0oC - 85oC, Typical values are at TA = 27°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com