Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 44 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 44 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 42Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 43Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 45Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 46Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 47Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
44
SMSC EMC2101
DATASHEET
The register applies to the fan driver in both PWM and DAC operating modes. The DAC output is
determined by equation [4] below.
These values are independent of the POLARITY bit (see Section 6.16). Therefore, a value of 00h in
the Fan Setting Register will always refer to minimum output drive while a setting of 3Fh in the Fan
Setting Register will always refer to maximum output drive.
APPLICATION NOTE: The output of the DAC driver is dependent upon the current load. With a low current load,
the output will be from 0V to an LSB (approximately 52mV at VDD = 3.3V) below VDD with
a maximum of 64 linear steps.
6.19
PWM Frequency Register
The PWM Frequency Register determines the final PWM frequency and “effective resolution” of the
PWM driver. It has no affect on the DAC output resolution.
It is recommended that this register be set at 1Fh for maximum resolution. See Appendix A "Advanced
PWM Options" for full operation of the PWM_F register and its interactions with the PWM Resolution
and Duty Cycle.
6.20
PWM Frequency Divide Register
This register holds an alternate PWM Frequency divide value that can be used instead of the CLK_SEL
bit function. This register can be written at any time, however unless the CLK_OVR bit is set to a logic
‘1’, it is not used.
When the CLK_OVR bit is set to a logic ‘1’, the PWM Frequency Divide Register is used in conjunction
with the PWM Frequency Register to determine the final PWM frequency that the load will see. When
the CLK_OVR bit is set to a logic ‘0’, the setting of this register is not changed and is not used to
determine the effective PWM frequency.
The PWM frequency when the PWM Frequency Divide Register is used is shown in Equation [5].
[4]
Table 6.24 PWM Frequency Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Dh
R/W
PWM Frequency
-
-
-
PWM_F[4:0]
17h
Table 6.25 PWM Frequency Divide Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Eh
R/W
PWM Frequency
Divide
PWM_D[7:0]
01h
FAN
FAN
_SETTING
64
--------------------------------------------
⎝⎠
⎛⎞ V
DD
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com