Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 33 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 33 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 29Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 30Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 31Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 32Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 33Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 36Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
33
Revision 2.54 (06-16-09)
DATASHEET
6.3
Temperature Data Registers
As shown in Table 6.2, the internal temperature monitor is stored as an 8-bit value while the external
temperature is stored as an 11-bit value.
Please note that the internal temperature monitor is limited to the operating temperature limits of the
part resulting in a guaranteed range of 0ºC to 85ºC.
6.4
Status Register
The Status Register is a read only register and returns the operational status of the part.
If the ALERT / TACH pin is configured as an ALERT output and any of these bits are set to '1' (except
the BUSY bit and the FAULT bit), then the ALERT / TACH pin is asserted low (if interrupts are not
masked (see Section 6.5).
Reading from the Status Register will cause the MASK bit to be set if any bit (other than BUSY and
FAULT) have been set. Each bit is automatically cleared when the error condition has been removed,
however the internal error condition flags may still be set. The ARA command must be used to clear
the ALERT / TACH pin if there are no bits set in the Status Register. In addition, reading from the
Status Register will clear all bits. If the error condition persists, then the bits will be reset at the end of
the next conversion.
When the device is configured in Comparison Mode (see Section 6.23), reading the Status Register
will not clear any active status bits (except EEPROM and FAULT). These bits are automatically cleared
when the error condition is removed.
Bit 7 - Busy - indicates that the ADC is converting - does not trigger an interrupt.
Bit 6 - INT_HIGH - Internal temperature has met or exceeded the high limit.
Bit 5 - EEPROM - Indicates that the EEPROM could not be found when the device powers up in the
Auto-Program Mode (see Section 5.1). This bit only applies to the EMC2102-R. It will always read ‘0’
for the EMC2101 device.
Bit 4 - EXT_HIGH - External Diode temperature has exceeded the high limit.
Table 6.2 Temperature Data Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Internal
Temperature
Sign
64
32
16
8
4
2
1
00h
01h
R
External Diode
Temperature
High Byte
Sign
64
32
16
8
4
2
1
00h
10h
R
External Diode
Temperature
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 6.3 Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
02h
R
Status
BUSY
INT_
HIGH
EEPROM
EXT_
HIGH
EXT_
LOW
FAULT
TCRIT
TACH
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com