Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 14 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 14 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 16Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 17Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
14
SMSC EMC2101
DATASHEET
Setup Time: Stop
tSU:STO
0.6
us
Data Hold Time
tHD:DAT
0.3
us
Data Setup Time
tSU:DAT
100
ns
Clock Low Period
tLOW
1.3
us
Clock High Period
tHIGH
0.6
us
Clock/Data Fall time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock/Data Rise time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Capacitive Load
CLOAD
400
pF
per bus line
Table 3.4 EEPROM Loader Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = 0oC - 85oC, Typical values are at TA = 27°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com