Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 34 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 34 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 30Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 31Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 32Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 33Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 36Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
34
SMSC EMC2101
DATASHEET
Bit 3 - EXT_LOW - External Diode temperature has fallen below the low limit.
Bit 2 - FAULT - A diode fault has occurred on the External Diode.
Bit 1 - TCRIT - External Diode Temperature has met or exceeded the TCRIT limit.
Bit 0 - TACH - The TACH count has exceeded the TACH Limit.
6.5
Configuration Register
The configuration register controls the basic functionality of the EMC2101. The bits are described
below:
Bit 7 - MASK - Masks the ALERT / TACH pin functionality when the device is configured as an ALERT
output in Interrupt Mode. This bit is ignored if the ALERT / TACH pin is configured as an ALERT output
in Comparator Mode or if it is configured as a TACH input.
The internal error condition flags are not affected by setting the MASK bit. Therefore, if the MASK bit
is set manually (instead of by reading the Status Register or sending the ARA command), and it is
cleared, the ALERT / TACH pin may be reasserted without any apparent error conditions present. It is
not recommended that the MASK bit be manually set to clear the ALERT / TACH pin.
'0' (default) - The ALERT / TACH pin will be asserted if any bit is set in the Status Register. Once
the pin is asserted, it will remain asserted.
'1' - the ALERT / TACH pin will be masked and will not generate an interrupt. The Status Register
will still be updated normally.
Bit 6- STANDBY - Determines operational mode of the device.
'0' (default) - Operational mode, monitoring temperatures, updating FAN output
'1' - Low power standby mode. In this mode, the Temperature monitor is disabled and the Fan
drivers may be disabled depending on the status of the FAN_STANDBY bit.
Bit 5 - FAN_STANDBY - Determines the operation of the FAN driver when the device is put into low
power standby mode.
'0' (default) - FAN output will remain active when the STANDBY bit is set.
‘1’ - FAN output will be inactive when the STANBDY bit is set. The driver will be set at the default
drive based on the pull-up resistors on the ALERT / TACH pin (see Table 5.1).
Bit 4 - DAC - Determines FAN output mode
'0' (default) - PWM output enabled at FAN pin.
'1' - DAC output enabled at FAN pin.
Bit 3 - DIS_TO - disables the SMBus Time-out functionality.
‘0’ (default) - the SMBus Time-out functionality is enabled and will reset the client block if the clock
is held in a single state for more than 25ms and less than 35ms.
‘1’ - the SMBus Time-out functionality is disabled. The client block will only reset if it receives a
STOP bit.
Bit 2 - ALT_TCH - Determines the functionality of the ALERT / TACH pin.
Table 6.4 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
03h and
09h
R/W
Configuration
MASK
STANDBY
FAN_
STANDBY
DAC
DIS_
TO
ALT_
TCH
TCRIT
OVRD
QUEUE
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com