Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 24 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 24 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 20Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 21Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 22Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 23Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 24Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 25Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 26Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 27Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
24
SMSC EMC2101
DATASHEET
The EMC2101 measures temperatures from -64°C to 127°C represented as a binary two’s complement
number. Internal temperatures are in 1°C steps, external temperatures are in 0.125°C steps.
Table 5.2 shows the temperature format for the external diode and Table 5.3 shows the temperature
format for the internal diode.
Table 5.2 EMC2101 External Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
<= -64
1 100
0 000
00 0
-55
1 100
1 001
00 0
-1
11 11
1111
0 0 0
-0.125
1 1 11
1111
1 1 1
0
0 0 00
000 0
000
0.125
00 00
000 0
001
1
0 0 00
000 1
000
25
00 01
100 1
000
125
0 1 1 1
1 1 01
00 0
>= 127.875
0 1 1 1
1 1 1 1
1 1 0
Diode Fault (Open condition)
0 1 1 1
1 1 1 1
0 0 0
Diode Fault (Short condition)
0 1 1 1
1 1 1 1
1 1 1
Table 5.3 EMC2101 Internal Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
<= -64
1 1 00
000 0
-55
1 1 00
100 1
-1
1111
1 111
0
0000
0 000
1
0000
0 001
25
0001
1 001
125
0 1 1 1
1 1 0 1
126
0 111
1 1 1 0
>= 127
0 111
111 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com