Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 52 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 52 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 48Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 49Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 50Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 51Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 52Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 53Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 54Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 55Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Table A.1 Fan Effective Duty Cycle Resolution and Frequency
PWM_F [4:0]
SETTING
EFFECTIVE
RESOLUTION
(%)
EFFECTIVE DUTY
CYCLE (AT 75%
FAN_SETTING)
EFFECTIVE
DUTY CYCLE (AT
50%
FAN_SETTING)
FAN_SETTING
TO GET 75%
DUTY CYCLE
PWM FREQUENCY
AT 360KHZ BASE
FREQUENCY (KHZ)
PWM FREQUENCY AT
1.4KHZ BASE
FREQUENCY (HZ)
00h
Setting 00h is mapped to setting 01h
01h
50.00
100%
100%
01h (50%)
180.0
704.2
02h
25.00%
100%
100%
03h (75%)
90.0
350.0
03h
16.67%
100%
100%
04h (66.7%)
60.0
233.3
04h
12.50%
100%
100%
06h (75%)
45.0
175.0
05h
10.00%
100%
100%
07h (70%)
36.0
140.0
06h
8.33%
100%
100%
09h (75%)
30.0
116.7
07h
7.14%
100%
100%
0Ah (71.4%)
25.7
100.0
08h
6.25%
100%
100%
0Ch (75%)
22.5
87.5
09h
5.56%
100%
100%
0Dh (72.5)
20.0
77.8
0Ah
5.00%
100%
100%
0Fh (75%)
18.0
70.0
0Bh
4.54%
100%
100%
11h (77.3%)
16.4
63.7
0Ch
4.17%
100%
100%
12h (75%)
15.0
58.3
0Dh
3.84%
100%
100%
14h (76.9%)
13.8
53.8
0Eh
3.57%
100%
100%
15h (75%)
12.8
50.0
0Fh
3.33%
100%
100%
16h (73.3%)
12.0
46.7
10h
3.13
100%
100%
18h (75.0%)
11.25
44.0
11h
2.94
100%
94.1%
19h (73.5%)
10.68
41.4
12h
2.78
100%
88.9%
1Bh (75.0%)
10.00
39.1
13h
2.63
100%
84.2%
1Ch (73.7%)
9.47
37.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com