Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 53 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 53 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 49Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 50Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 51Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 52Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 53Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 54Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 55Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 56Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 57Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
14h
2.50
100%
80.0%
1Eh (75.0%)
9.00
35.2
15h
2.38
100%
76.2%
1Fh (73.8%)
8.57
33.5
16h
2.27
100%
72.7%
21h (75.0%)
8.18
32.0
17h
2.17
100%
69.7%
22h (73.9%)
7.83
30.6
18h
2.08
100%
66.7%
24h (75.0%)
7.50
29.3
19h
2.00
96%
64.0%
25h (74.0%)
7.20
28.2
1Ah
1.92
92.3%
61.5%
27h (75.0%)
6.92
27.1
1Bh
1.85
88.9%
59.3%
28h (74.1%)
6.67
26.1
1Ch
1.79
85.7%
57.1%
2Ah (75.0%)
6.43
25.1
1Dh
1.72
82.8%
55.2%
2Bh (74.1%)
6.21
24.3
1Eh
1.67
80.0%
53.3%
2Dh (75.0%)
6.00
23.5
1Fh
1.61
77.4%
51.6%
2Eh (74.2%)
5.81
22.7
Table A.1 Fan Effective Duty Cycle Resolution and Frequency (continued)
PWM_F [4:0]
SETTING
EFFECTIVE
RESOLUTION
(%)
EFFECTIVE DUTY
CYCLE (AT 75%
FAN_SETTING)
EFFECTIVE
DUTY CYCLE (AT
50%
FAN_SETTING)
FAN_SETTING
TO GET 75%
DUTY CYCLE
PWM FREQUENCY
AT 360KHZ BASE
FREQUENCY (KHZ)
PWM FREQUENCY AT
1.4KHZ BASE
FREQUENCY (HZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com