Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 16 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 16 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 16Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 17Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 18Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 19Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
16
SMSC EMC2101
DATASHEET
4.3
Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 4.3.
4.4
Send Byte
The Send Byte protocol is used to set the internal address register pointer to the correct address
location. No data is transferred during the Send Byte protocol as shown in Table 4.4.
4.5
Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address
pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads
of the same register as shown in Table 4.5.
4.6
Alert Response Address
The ALERT / TACH output can be used as a processor interrupt or as an SMBus Alert when configured
to operate as an interrupt.
When it detects that the ALERT / TACH pin is asserted, the host will send the Alert Response Address
(ARA) to the general address of 000_1100b. All devices with active interrupts will respond with their
client address as shown in Table 4.6.
Table 4.3 Read Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
Register
Address
ACK
START
Slave
Address
RD
ACK
Register
Data
NACK
STOP
17
1
1
8
1
1
7
1
1
8
1
1
Table 4.4 Send Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
STOP
1
7
1
181
1
Table 4.5 Receive Byte Protocol
START
SLAVE
ADDRESS
RD
ACK
REGISTER DATA
NACK
STOP
1
7
1
181
1
Table 4.6 Alert Response Address Protocol
START
ALERT
RESPONSE
ADDRESS
RD
ACK
DEVICE
ADDRESS
NACK
STOP
1
7
1
181
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com