Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 31 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 31 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 27Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 28Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 29Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 30Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 31Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 32Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 33Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
31
Revision 2.54 (06-16-09)
DATASHEET
17h
R/W
External Diode Ideality
Factor
Sets ideality factor based
on diode type
12h
(1.008)
Page 38
18h
R/W
Beta Compensation Factor
Compensates for
transistors with various
beta factors
08h
Page 39
19h
R/W
TCRIT Temp Limit
Fan will be set to full speed
if external temp above this
value
55h
(85°C)
Page 36
21h
R/W
TCRIT Hysteresis
Amount of hysteresis
applied to TCRIT Temp
(1LSB = 1°C)
0Ah
(10°C)
Page 36
46h
R
TACH Reading Low Byte
Stores the lower 6 bits of
the TACH count. and the
TACH configuration bits
FFh
Page 40
47h
R
TACH Reading High Byte
Stores the upper 8 bits of
the TACH count.
FFh
Page 40
48h
R/W
TACH Limit Low Byte
Stores the lower 6 bits of
the TACH Limit
FFh
Page 40
49h
R/W
TACH Limit High Byte
Stores the upper 8 bits of
the TACH Limit
FFh
Page 40
4Ah
R/W
FAN Configuration
defines polarity of PWM or
DAC
20h
Page 41
4Bh
R/W
Fan Spin-up
Sets Spin Up options
3Fh
Page 42
4Ch
R/W
Fan Setting
Sets PWM or DAC value
00h
Page 43
4Dh
R/W
PWM Frequency
Sets the final PWM
Frequency
17h
Page 44
4Eh
R/W
PWM Frequency Divide
Sets the base PWM
frequency
01h
Page 44
4Fh
R/W
Lookup Table Hysteresis
Amount of hysteresis
applied to Lookup Table
Temp (1LSB = 1°C)
04h
(4°C)
Page 45
50h
R/W (See
Note 6.1)
Lookup Table Temp Setting 1
Look Up Table
Temperature Setting 1
7Fh
Page 46
51h
R/W (See
Note 6.1)
Lookup Table Fan Setting 1
Associated Fan Setting for
Temp Setting 1
3Fh
Page 46
52h
R/W (See
Note 6.1)
Lookup Table Temp Setting 2
Look Up Table
Temperature Setting 2
7Fh
Page 46
53h
R/W (See
Note 6.1)
Lookup Table Fan Setting 2
Associated Fan Setting for
Temp Setting 2
3Fh
Page 46
54h
R/W (See
Note 6.1)
Lookup Table Temp Setting 3
Look Up Table
Temperature Setting 3
7Fh
Page 46
55h
R/W (See
Note 6.1)
Lookup Table Fan Setting 3
Associated Fan Setting for
Temp Setting 3
3Fh
Page 46
56h
R/W (See
Note 6.1)
Lookup Table Temp Setting 4
Look Up Table
Temperature Setting 4
7Fh
Page 46
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com