Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 42 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 42 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 42Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 43Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 45Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
42
SMSC EMC2101
DATASHEET
Bit 1-0 - TACH_M[1:0] - Determines the basic operation of the tachometer input as shown in
Table 6.19.
Note 6.2
When the PWM base clock is set at 360kHz mode 00b is used regardless of the setting
of the TACH_M[1:0] bits.
6.17
Fan Spin Up Configuration Register
The Fan Spin Up Configuration register controls the spin-up behavior of the device. The Fan driver
enters its spin-up routine any time it transitions from a minimum fan setting (00h) to a higher fan setting
(but does not invoke the spin-up routine upon power up). Once the spin-up time has been met, the
fan driver is reduced to the programmed setting.
Bit 5 - FAST_TACH - Determines whether the Spin-Up routine aborts when the measured TACH is less
than the TACH Limit.
‘0’ - The Spin-Up routine uses the duty cycle and spin-up time independently of the TACH reading.
‘1’ (default) - The Spin-Up routine will abort when the TACH measurement is less than the TACH
Limit or the programmed Spin-Up time is met, whichever is less. In this case, the SPIN_DRIVE[1:0]
bits are ignored and the drive will always be at 100%.
APPLICATION NOTE: This bit will be ignored if the ALT_TCH bit in the Configuration Register (see Section 6.5) is
set to ‘0’.
APPLICATION NOTE: If the SPIN_TIME[2:0] bits are set at 000b, then the Spin-Up Routine is bypassed regardless
of the status of this bit.
Bit 4 - 3 SPIN_DRIVE[1:0] - Determines the setting of the drive circuit during the Spin-Up routine
according to Table 6.21.
Table 6.19 TACH Modes
TACH_M[1]
TACH_M[0]
TACH MODE
00
False readings when under minimum
detectable RPM (TACH Limit).
(Default condition - See Note 6.2)
0
1
FFFFh reading when under minimum
detectable RPM.
10
11
Table 6.20 Fan Spin Up Configuration Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Bh
R/W
Fan Spin Up
Config
--
FAST_
TACH
SPIN_DRIVE[1:0]
SPIN_TIME[2:0]
3Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com