Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 16Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
13
Revision 2.54 (06-16-09)
DATASHEET
Note 3.2
300ns rise time max is required for 400kHz bus operation. For lower clock frequencies the
maximum rise time is (0.1 / fSMB)+ 50ns.
3.4
EEPROM Loader Electrical Specifications (EMC2101-R only)
Setup Time: Stop
tSU:STO
0.6
us
Data Hold Time
tHD:DAT
0.3
us
Data Setup Time
tSU:DAT
100
ns
Clock Low Period
tLOW
1.3
us
Clock High Period
tHIGH
0.6
us
Clock/Data Fall time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock/Data Rise time
tRISE
300
ns
Min = 20+0.1CLOAD ns (Note 3.2)
Capacitive Load
CLOAD
400
pF
per bus line
Table 3.4 EEPROM Loader Electrical Specifications
VDD = 3.0V to 3.6V, TA = 0oC - 85oC, Typical values are at TA = 27°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Interface
Input High Voltage
VIH
2.1
V
Input Low Voltage
VIL
0.8
V
Input High/Low Current
IIH / IIL
-1
1
uA
Hysteresis
500
mV
Input Capacitance
CIN
5pF
Output Low Sink Current
8
mA
VOL = 0.4V
Timing
Loading Delay
tDLY
10
ms
Delay after power-up until EEPROM
loading begins. (See Section 4.9.)
Loading Time
tLOAD
50
ms
Clock Frequency
fSMB
50
kHz
Spike Suppression
tSP
50
ns
Bus free time Start to
Stop
tBUF
1.3
us
Hold Time: Start
tHD:STA
0.6
us
Setup Time: Start
tSU:STA
0.6
us
Table 3.3 SMBus Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = 0oC - 85oC, Typical values are at TA = 27°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com