Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 15 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 15 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 16Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 17Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 18Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
15
Revision 2.54 (06-16-09)
DATASHEET
Chapter 4 System Management Bus Interface Protocol
4.1
System Management Bus Interface Protocol
The EMC2101 communicates with a host controller, such as an SMSC SIO, through the SMBus. The
SMBus is a two-wire serial communication protocol between a computer host and its peripheral
devices. A detailed timing diagram is shown in Figure 4.1. Stretching of the SMCLK signal is supported,
however the EMC2101 will not stretch the clock signal.
The EMC2101 powers up as an SMBus client (after loading from EEPROM as applicable).
The EMC2101 is SMBus 2.0 compatible and supports Send Byte, Read Byte, Receive Byte and the
Alert Response Address as valid protocols as shown below.
All of the below protocols use the convention in Table 4.1.
4.2
Write Byte
The Write Byte is used to write one byte of data to the registers as shown below Table 4.2.
Figure 4.1 SMBus Timing Diagram
Table 4.1 Protocol Format
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
# of bits sent
# of bits sent
Table 4.2 Write Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
STOP
1
7
1
181
8
1
1
SMDTA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DAT
TSU:STA
THD:STA
P
TSU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com