Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 37 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 37 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 33Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 36Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
37
Revision 2.54 (06-16-09)
DATASHEET
The External Diode Force Register is used to force the Fan Control Look-Up Table to a specific fan-
speed setting. When this function is enabled (see Section 6.16), the contents of this register are
compared against the temperature thresholds in the Fan Control Look-Up Table to determine the fan
setting to use.
The contents of this register represent temperature data in the same format as the data registers and
can be updated at any time.
The External Diode Temperature Registers are updated normally with the measured temperature and
compared against the THIGH and TCRIT limits normally but not used to determine the fan speed.
APPLICATION NOTE: This mode is used if the host or system requires temperature data from a source other than
the EMC2101 External Diode to be used for fan control.
6.9
One Shot Register
The One Shot Register initiates an update of the temperature measurements. This register can be
written at any time, however will only perform a one-shot conversion when the temperature monitoring
is in standby mode. When the one shot temperature conversion is complete the temperature data
registers are updated and the fan setting is updated if necessary. This register is self-clearing.
6.10
Scratchpad Registers
The Scratchpad Registers are R/W registers that perform no function. They are included for software
compatibility.
6.11
Alert Mask Register
The Alert Mask Register enables interrupts from the temperature monitors and limits. Regardless of
the condition of the individual mask bits, the Status Register will be updated normally.
Table 6.9 One Shot Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
W
One Shot
Writing to this register initiates a one shot update of the
temperature data. Data is not relevant and is not stored.
00h
Table 6.10 Scratchpad Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
11h
R/W
Scratchpad
B7
B6
B5
B4
B3
B2
B1
B0
00h
12h
R/W
Scratchpad
B7
B6
B5
B4
B3
B2
B1
B0
00h
Table 6.11 Alert Mask Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
16h
R/W
Alert Mask
1
INT_
MSK
1
HIGH
MSK
LOW_
MSK
1
TCRIT_
MSK
TACH_
MSK
A4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com