Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 47 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 47 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 43Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 45Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 46Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 47Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 48Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 49Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 50Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
47
Revision 2.54 (06-16-09)
DATASHEET
The table should be loaded with the lowest temperature in the T1 register (50h) and increasing in
temperature for all settings.
See Section 5.6.4 for description of the Fan Control Look Up Table operation. The fan speed settings
for each temperature threshold follow the same behavior as the Fan Setting Register (see
Section 6.18).
6.23
Averaging Filter Register
The Averaging Filter Register controls the level of digital averaging that is used for the External Diode
temperature measurements as well as the configuration of the ALERT / TACH pin functionality.
Bit 2 - 1 - FILTER[1:0] - control the level of digital filtering that is applied to the External Diode
temperature measurements as shown in Table 6.30. See Figure 5.5 and Figure 5.6 for examples on
the filter behavior.
Bit 0 - ALERT_COMP - determines the functionality of the ALERT / TACH pin.
‘0’ (default) - the ALERT / TACH pin is configured to act as an interrupt (see Section 5.4.2).
‘1’ - the ALERT / TACH pin is configured to operate as a temperature comparator (see
Section 5.4.1).
Table 6.29 Averaging Filter Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
BFh
R/W
Averaging Filter
-
-
-
-
-
FILTER[1:0]
ALERT_
COMP
00h
Table 6.30 Averaging Settings
FILTER[1:0]
AVERAGING
10
0
0
Disabled (default)
0
1
Level 1
1
0
Level 1
1
1
Level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com