Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 55 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 55 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 49Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 50Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 51Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 52Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 53Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 54Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 55Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 56Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 57Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
832
340h
6490
1600
640h
3375
2368
940h
2280
3136
C40h
1722
3904
F40h
1383
4672
1240h
1156
848
350h
6368
1616
650h
3342
2384
950h
2265
3152
C50h
1713
3920
F50h
1378
4688
1250h
1152
864
360h
6250
1632
660h
3309
2400
960h
2250
3168
C60h
1705
3936
F60h
1372
4704
1260h
1148
880
370h
6136
1648
670h
3277
2416
970h
2235
3184
C70h
1696
3952
F70h
1366
4720
1270h
1144
896
380h
6027
1664
680h
3245
2432
980h
2220
3200
C80h
1688
3968
F80h
1361
4736
1280h
1140
912
390h
5921
1680
690h
3214
2448
990h
2206
3216
C90h
1679
3984
F90h
1355
4752
1290h
1136
928
3A0h
5819
1696
6A0h
3184
2464
9A0h
2192
3232
CA0h
1671
4000
FA0h
1350
4768
12A0h
1133
944
3B0h
5720
1712
6B0h
3154
2480
9B0h
2177
3248
CB0h
1663
4016
FB0h
1345
4784
12B0h
1129
960
3C0h
5625
1728
6C0h
3125
2496
9C0h
2163
3264
CC0h
1654
4032
FC0h
1339
4800
12C0h
1125
976
3D0h
5533
1744
6D0h
3096
2512
9D0h
2150
3280
CD0h
1646
4048
FD0h
1334
4816
12D0h
1121
992
3E0h
5444
1760
6E0h
3068
2528
9E0h
2136
3296
CE0h
1638
4064
FE0h
1329
4832
12E0h
1118
1008
3F0h
5357
1776
6F0h
3041
2544
9F0h
2123
3312
CF0h
1630
4080
FF0h
1324
4848
12F0h
1114
1024
400h
5273
1792
700h
3013
2560
A00h
2109
3328
D00h
1623
4096
1000h
1318
4864
1300h
1110
1040
410h
5192
1808
710h
2987
2576
A10h
2096
3344
D10h
1615
4112
1010h
1313
4880
1310h
1107
1056
420h
5114
1824
720h
2961
2592
A20h
2083
3360
D20h
1607
4128
1020h
1308
4896
1320h
1103
1072
430h
5037
1840
730h
2935
2608
A30h
2071
3376
D30h
1600
4144
1030h
1303
4912
1330h
1099
1088
440h
4963
1856
740h
2909
2624
A40h
2058
3392
D40h
1592
4160
1040h
1298
4928
1340h
1096
1104
450h
4891
1872
750h
2885
2640
A50h
2045
3408
D50h
1585
4176
1050h
1293
4944
1350h
1092
1120
460h
4821
1888
760h
2860
2656
A60h
2033
3424
D60h
1577
4192
1060h
1288
4960
1360h
1089
1136
470h
4754
1904
770h
2836
2672
A70h
2021
3440
D70h
1570
4208
1070h
1283
4976
1370h
1085
1152
480h
4688
1920
780h
2813
2688
A80h
2009
3456
D80h
1563
4224
1080h
1278
4992
1380h
1082
1168
490h
4623
1936
790h
2789
2704
A90h
1997
3472
D90h
1555
4240
1090h
1274
5008
1390h
1078
1184
4A0h
4561
1952
7A0h
2766
2720
AA0h
1985
3488
DA0h
1548
4256
10A0h
1269
5024
13A0h
1075
1200
4B0h
4500
1968
7B0h
2744
2736
AB0h
1974
3504
DB0h
1541
4272
10B0h
1264
5040
13B0h
1071
Table B.1 Example TACH Decode 10k RPM to 1k RPM (continued)
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM
DEC
HEX
RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com