Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 43 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 43 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 42Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 43Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 45Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 46Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
43
Revision 2.54 (06-16-09)
DATASHEET
Bit 2-0 - SPIN_TIME[2:0] - determines the length of time that the fan drive will remain at the
SPIN_DRIVE[1:0] setting as shown in Table 6.22.
6.18
Fan Setting Register
The Fan Setting Register drives the fan driver when the Fan Control Look-Up Table is not used (see
Section 6.16). Any data written to the Fan Setting registers is applied immediately to the fan driver
(PWM or DAC). When the Fan Control Look-Up Table is being used, any writes to this register will be
ignored. If the Fan Control Look-Up Table is disabled, then the fan drive will be set at the last value
that was used by the Fan Control Look-Up Table.
When the Fan Control Look-Up Table Registers are being used, the register is read-only.
Table 6.21 Spin-Up Drive
SPIN_DRIVE[1:0]
SPIN UP DRIVE
10
0
0
0 - Spin-Up Cycle bypassed
0
1
50% (half drive)
1
0
75% (3/4 drive)
1
1
100% (full drive) (default)
Table 6.22 Spin-Up Time
SPIN_TIME[2:0]
SPIN UP TIME
21
0
0
0
0
0 - Spin-Up Cycle bypassed
0
0
1
0.05 sec.
0
1
0
0.1 sec.
0
1
1
0.2 sec.
1
0
0
0.4 sec.
1
0
1
0.8 sec.
1
1
0
1.6 sec.
1
1
1
3.2 sec. (default)
Table 6.23 Fan Setting Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Ch
R/W
(see
text)
Fan Setting
-
-
32
16
8421
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com