Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 41 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 41 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 42Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 43Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
41
Revision 2.54 (06-16-09)
DATASHEET
The TACH Limit Registers store the maximum TACH count that the fan is expected to operate at.
TACH count is inversely proportional to the actual fan speed. This limit is used to guarantee that the
fan has spun up properly. If the measured TACH is higher than this limit (indicating that the fan speed
is lower than the minimum RPM value), then the TACH bit is set in the Status Register.
Additionally if the measured TACH count exceeds this limit, depending on the status of the
TACH_M[1:0] bits (see Section 6.16), the TACH reading registers may be forced to FFFFh.
6.16
Fan Configuration Register
The Fan Configuration Register enables the Fan Control Look-Up Table and polarity of the PWM signal
driving the output.
Bit 6 - FORCE - enables the External Temperature Force Register. This bit is not used if the Fan
Control Look-Up Table is not used.
‘0’ (default) - the External Diode Force Register is not used. The measured External Diode
temperature is used to determine the position in the Fan Control Look-Up Table.
‘1’ - the External Temperature Force Register is used. When determining the position in the Fan
Control Look-Up Table, the contents of the External Temperature Force Register will be used
instead of the measured External Diode temperature. All limits will be checked against the
measured External Diode temperature as normal.
Bit 5 - PROG - enables the Fan Control Look-Up Table for update and sets fan driver output based
on Fan Control Look-Up Table values.
‘0’ - the Fan Setting Register and Fan Control Look-Up Table Registers are read-only and the Fan
Control Look-Up Table Registers will be used.
‘1’ (default) - the Fan Setting Register and Fan Control Look-Up Table Registers can be written.
The value written into the Fan Setting Register will be instantly applied to the fan driver and the
Fan Control Look-Up Table will not be used.
Bit 4 - POLARITY- sets the polarity of the Fan output driver. For the EMC2101-R, the value of this bit
is determined by the value of the pull-up resistor on the ALERT / TACH pin (see Table 5.1). When the
PWM default value is set at 100% duty cycle, the default value is set to ‘1’ and when the PWM default
value is set to 0% duty cycle, the default value is set to ‘0’. This occurs within 10ms after power-up.
‘0’ (default - EMC2101) - The polarity of the Fan output driver is non-inverted. A ‘00h’ setting will
correspond to a 0% duty cycle or minimum DAC output voltage.
‘1’ - The polarity of the Fan output driver is inverted. A ‘00h’ setting will correspond to a 100% duty
cycle or maximum DAC output voltage.
Bit 3 - CLK_SEL - Determines the base clock that is used to determine the final PWM frequency.
‘0’ (default) - The base clock that is used to determine the PWM frequency is 360kHz.
‘1’ - The base clock that is used to determine the PWM frequency is 1.4kHz.
Bit 2 - CLK_OVR - Overrides the CLK_SEL bit and uses the Frequency Divide Register to determine
the base PWM frequency. It is recommended that this bit be set for maximum PWM resolution.
‘0’ (default) - The base clock frequency for the PWM is determined by the CLK_SEL bit.
‘1’ (recommended) - The base clock that is used to determine the PWM frequency is set by the
Frequency Divide Register
Table 6.18 Fan Configuration Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Ah
R/W
Fan Config
-
FORCE
PROG
POLARITY
CLK_
SEL
CLK_
OVR
TACH_M[1:0]
20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com