Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 40 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 40 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 36Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 42Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 43Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.54 (06-16-09)
40
SMSC EMC2101
DATASHEET
6.14
TACH Reading Registers
The TACH Registers hold the 16-bit TACH Reading. This reading represents the number of TACH
counts detected. The RPM of the fan can be determined by Equation [3] (see also Appendix B "TACH
Reference Table"). The bit weighting of each TACH[15:0] bit is shown in parenthesis after the value.
When determining the final fan speed, the TACH[15:0] bits need to be decoded into an equivalent
decimal number.
6.15
TACH Limit Registers
Table 6.15 CPU Beta Values
ENABLE
B2
B1
B0
MINIMUM BETA
00
00
0.11
00
01
0.18
00
10
0.25
00
11
0.33
01
00
0.43
01
01
1.00
01
10
2.33
01
11
Disabled
1
X
X
X
Automatic detection
Table 6.16 TACH Reading Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
46h
R
TACH Reading
Low Byte
TACH7
(128)
TACH6
(64)
TACH5
(32)
TACH4
(16)
TACH3
(8)
TACH2
(4)
TACH1
(2)
TACH0
(1)
FFh
47h
R
TACH Reading
High Byte
TACH15
(32768)
TACH14
(16384)
TACH13
(8192)
TACH12
(4096)
TACH11
(2048)
TACH10
(1024)
TACH9
(512)
TACH8
(256)
FFh
Where: TACH_COUNT is the
decimal representation of the
TACH[13:0] bits.
[3]
Table 6.17 TACH Reading Low Byte Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
48h
R/W
TACH Limit
Low Byte
TACH_
L7
TACH_
L6
TACH_
L5
TACH_
L4
TACH_
L3
TACH_
L2
TACH_
L1
TACH_
L0
FFh
49h
R/W
TACH Limit
High Byte
TACH_
L15
TACH_
L14
TACH_
L13
TACH_
L12
TACH_
L11
TACH_
L10
TACH_
L9
TACH_
L8
FFh
RPM
5400 000
,,
TACH
_COUNT
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com