Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 50 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 50 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 46Page - ON Semiconductor ASX340CS Datasheet HTML 47Page - ON Semiconductor ASX340CS Datasheet HTML 48Page - ON Semiconductor ASX340CS Datasheet HTML 49Page - ON Semiconductor ASX340CS Datasheet HTML 50Page - ON Semiconductor ASX340CS Datasheet HTML 51Page - ON Semiconductor ASX340CS Datasheet HTML 52Page - ON Semiconductor ASX340CS Datasheet HTML 53Page - ON Semiconductor ASX340CS Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
50
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Reset and Clocks
Reset
Power-up reset is asserted or de-asserted with the RESET_BAR pin, which is active LOW.
In the reset state, all control registers are set to default values. See “Device Configura-
tion” on page 21 for more details on Auto, Host, and Flash configurations.
Soft reset is asserted or de-asserted by the two-wire serial interface program. In soft-
reset mode, the two-wire serial interface and the register bus are still running. All control
registers are reset using default values.
Clocks
The ASX340CS has two primary clocks:
• A master clock coming from the EXTCLK signal.
• In default mode, a pixel clock (PIXCLK) running at 2 * EXTCLK. In raw Bayer bypass
mode, PIXCLK runs at the same frequency as EXTCLK.
When the ASX340CS operates in sensor stand-alone mode, the image flow pipeline
clocks can be shut off to conserve power.
The sensor core is a master in the system. The sensor core frame rate defines the overall
image flow pipeline frame rate. Horizontal blanking and vertical blanking are influenced
by the sensor configuration, and are also a function of certain image flow pipeline func-
tions. The relationship of the primary clocks is depicted in Figure 32.
The image flow pipeline typically generates up to 16 bits per pixel—for example, YCbCr
or 565RGB—but has only an 8-bit port through which to communicate this pixel data.
To generate NTSC or PAL format images, the sensor core requires a 27 MHz clock.
Figure 32:
Primary Clock Relationships
10 bits/pixel
1 pixel/clock
16 bits/pixel
1 pixel/clock
16 bits/pixel (TYP)
0.5 pixel/clock
Colorpipe
Output Interface
Sensor
Pixel Clock
Sensor
Master Clock
EXTCLK
Sensor Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com