Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 16 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 12Page - ON Semiconductor ASX340CS Datasheet HTML 13Page - ON Semiconductor ASX340CS Datasheet HTML 14Page - ON Semiconductor ASX340CS Datasheet HTML 15Page - ON Semiconductor ASX340CS Datasheet HTML 16Page - ON Semiconductor ASX340CS Datasheet HTML 17Page - ON Semiconductor ASX340CS Datasheet HTML 18Page - ON Semiconductor ASX340CS Datasheet HTML 19Page - ON Semiconductor ASX340CS Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
16
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
Sensor Pixel Array
The active pixel array is 640 x 480 pixels. In addition, there are 72 rows and 80 columns
for lens alignment and 8 rows and 8 columns for demosaic.
Figure 7:
Pixel Color Pattern Detail (top right corner)
Output Data Format
The sensor core image data are read out in progressive scan order. Valid image data are
surrounded by horizontal and vertical blanking, shown in Figure 8.
For NTSC output, the horizontal size is stretched from 640 to 720 pixels. The vertical size
is 243 pixels per field; 240 image pixels and 3 dark pixels that are located at the bottom of
the image field.
For PAL output, the horizontal size is also stretched from 640 to 720 pixels. The vertical
size is 288 pixels per field.
Black Pixels
Column Readout Direction
...
...
Row
Readout
Direction
R
G
R
G
B
G
First Lens Alignment
Pixel
(64, 0)
R
G
R
G
B
G
R
G
R
G
B
G
G
B
G
G
R
G
B
G
B
G
R
G
B
G
B
G
R
G
B
G
B
B
G
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com