Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 42 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 42 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 38Page - ON Semiconductor ASX340CS Datasheet HTML 39Page - ON Semiconductor ASX340CS Datasheet HTML 40Page - ON Semiconductor ASX340CS Datasheet HTML 41Page - ON Semiconductor ASX340CS Datasheet HTML 42Page - ON Semiconductor ASX340CS Datasheet HTML 43Page - ON Semiconductor ASX340CS Datasheet HTML 44Page - ON Semiconductor ASX340CS Datasheet HTML 45Page - ON Semiconductor ASX340CS Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
42
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Serial Memory Partition
Serial Memory Partition
The contents of the Flash/EEPROM memory partition logically into three blocks (see
Figure 24):
• Memory for overlay data and descriptors
• Memory for register settings, which may be loaded at boot-up
• Firmware extensions or software patches; in addition to the on-chip firmware, exten-
sions reside in this block of memory
These blocks are not necessarily contiguous.
Figure 24:
Memory Partitioning
External Memory Speed Requirement
For a 2KB block of overlay to be transferred within a frame time to achieve maximum
update rate, the serial memory has to be a certain speed.
Table 20:
Transfer Time Estimate
Frame Time
SPI Clock
Transfer Time to 2KB
33.3ms
4.5 MHz
1ms
S/W Patch
Alternate Reg.
Overlay Data
FFlash
Partitioning
Fix ed Siz e
Overlays- RL E
12Byte Header
RL E Encoded
Data
2kByte
Fix ed Siz e
Overlays- RL E
Fixed-size
Overlays – RLE
Fixed-size
Overlays – RLE
Flash
Partitioning
Overlay
Data
Software Patch
12-byte Header
RLE Encoded
Data
2KB
Lens Shading
Correction
Parameter
Alternate
Register Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com