Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 57 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 57 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 53Page - ON Semiconductor ASX340CS Datasheet HTML 54Page - ON Semiconductor ASX340CS Datasheet HTML 55Page - ON Semiconductor ASX340CS Datasheet HTML 56Page - ON Semiconductor ASX340CS Datasheet HTML 57Page - ON Semiconductor ASX340CS Datasheet HTML 58Page - ON Semiconductor ASX340CS Datasheet HTML 59Page - ON Semiconductor ASX340CS Datasheet HTML 60Page - ON Semiconductor ASX340CS Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
57
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Figure 39:
Power Up Sequence
Notes:
1. RESET_BAR may not exceed VDD_IO + 0.3V.
2. The 2.8V plane (VAA, VAA_PIX, VDD_PLL, VDD_DAC, VDD_IO) must remain at a higher voltage than
the 1.8V core voltage at all times.
Notes:
1. Xtal settling time is component-dependent (Xtal, Oscillator, and so on) and usually takes about
10ms ~100ms.
2. Hard reset time is the minimum time required after power rails are settled. Ten clock cycles are
required for the sensor itself, assuming all power rails are settled. In a circuit where Hard reset is
performed by the RC circuit, then the RC time must include the all power rail settle time and Xtal.
Table 29:
Power Up Sequence
Definition
Symbol
Minimum
Typical
Maximum
Unit
VDD_PLL to VAA/VAA_PIX
t0
0
–
–
s
VAA/VAA_PIX to VDD_IO
t1
0
–
–
s
VDD_IO to VDD
t2
0
–
–
s
Xtal settle time
tx
–
301
–ms
Hard Reset
t3
102
––
Clock cycle
Internal Initialization
t4
50
–
–
ms
VDD (1.8)
VAA_PIX
VAA (2.8)
VDD_PLL
VDD_DAC (2.8)
EXTCLK
RESET_BAR
VDD_IO (2.8)
t3
t4
t5
t0
t1
Hard Reset
Internal
(NTSC/PAL)
Initialization
Patch Config
SPI or Host
Streaming
t2
tx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com