Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 44 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 44 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 40Page - ON Semiconductor ASX340CS Datasheet HTML 41Page - ON Semiconductor ASX340CS Datasheet HTML 42Page - ON Semiconductor ASX340CS Datasheet HTML 43Page - ON Semiconductor ASX340CS Datasheet HTML 44Page - ON Semiconductor ASX340CS Datasheet HTML 45Page - ON Semiconductor ASX340CS Datasheet HTML 46Page - ON Semiconductor ASX340CS Datasheet HTML 47Page - ON Semiconductor ASX340CS Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
44
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Overlay Character Generator
The position of the target will be used to determine the calibration value that shifts the
X,Y position of adjustable overlay graphics.
The overlay calibration is intended to be applied on a device by device basis “in system,”
which means after the camera has been installed. ON Semiconductor provides basic
programming scripts that may reside in the SPI Flash memory to assist in this effort.
Overlay Character Generator
In addition to the four overlay layers, a fifth layer exists for a character generator overlay
string.
There are a total of:
• 16 alphanumeric characters available
• 22 characters maximum per line
• 16 x 32 pixels with 1-bit color depth
Any update to the character generator string requires the string to be passed in its
entirety with the Host Command. Character strings have their own control properties
aside from the Overlay bitmap properties.
Figure 26:
Internal Block Diagram Overlay
Overla y
Layer0
Layer1
Layer2
Layer3
BT 65 6
Nu m be r
Gen era to r
BT 65 6
Tim in g co ntrol
User R egiste rs
Da ta B u s
DM A /C P U
Register B u s
RO M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com