Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 23 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 19Page - ON Semiconductor ASX340CS Datasheet HTML 20Page - ON Semiconductor ASX340CS Datasheet HTML 21Page - ON Semiconductor ASX340CS Datasheet HTML 22Page - ON Semiconductor ASX340CS Datasheet HTML 23Page - ON Semiconductor ASX340CS Datasheet HTML 24Page - ON Semiconductor ASX340CS Datasheet HTML 25Page - ON Semiconductor ASX340CS Datasheet HTML 26Page - ON Semiconductor ASX340CS Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
23
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
YUV-to-RGB/YUV Conversion and Output Formatting
The YUV data stream emerging from the colorpipe can either exit the color pipeline as-is
or be converted before exit to an alternative YUV or RGB data format.
Output Format and Timing
YUV/RGB Data Ordering
The ASX340CS supports swapping YCbCr mode, as illustrated in Table 8.
The RGB output data ordering in default mode is shown in Table 9. The odd and even
bytes are swapped when luma/chroma swap is enabled. R and B channels are bit-wise
swapped when chroma swap is enabled.
Uncompressed 10-Bit Bypass Output
Raw 10-bit Bayer data from the sensor core can be output in bypass mode in two ways:
• Using 8 data output signals (DOUT[7:0]) and GPIO[1:0]. The GPIO signals are the least
significant 2 bits of data.
• Using only 8 signals (DOUT[7:0]) and a special 8 + 2 data format, shown in Table 10.
Readout Formats
Progressive format is used for raw Bayer output.
Table 8:
YCbCr Output Data Ordering
Mode
Data Sequence
Default (no swap)
Cbi
Yi
Cri
Yi+1
Swapped CbCr
Cri
Yi
Cbi
Yi+1
Swapped YC
Yi
Cbi
Yi+1
Cri
Swapped CbCr, YC
Yi
Cri
Yi+1
Cbi
Table 9:
RGB Ordering in Default Mode
Mode (Swap Disabled)
Byte
D7D6D5D4D3D2D1D0
565RGB
Odd
R7R6R5R4R3G7G6G5
Even
G4G3G2B7B6B5B4B3
555RGB
Odd
0 R7R6R5R4R3G7G6
Even
G5G4G3B7B6B5B4B3
444xRGB
Odd
R7R6R5R4G7G6G5G4
Even
B7B6B5B4 0 0 0 0
x444RGB
Odd
0 0 0 0 R7R6R5R4
Even
G7G6G5G4B7B6B5B4
Table 10:
2-Byte Bayer Format
Byte
Bits Used
Bit Sequence
Odd bytes
8 data bits
D9D8D7D6D5D4D3D2
Even bytes
2 data bits + 6 unused bits
0 0 0 0 0 0 D1D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com