Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 64 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 64 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 60Page - ON Semiconductor ASX340CS Datasheet HTML 61Page - ON Semiconductor ASX340CS Datasheet HTML 62Page - ON Semiconductor ASX340CS Datasheet HTML 63Page - ON Semiconductor ASX340CS Datasheet HTML 64Page - ON Semiconductor ASX340CS Datasheet HTML 65Page - ON Semiconductor ASX340CS Datasheet HTML 66Page - ON Semiconductor ASX340CS Datasheet HTML 67Page - ON Semiconductor ASX340CS Datasheet HTML 68Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
64
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Power Consumption, Operating Mode
Analog output uses single-ended mode: DAC_Pos = 75, DAC_Neg = open, parallel
output is disabled.
Analog output is disabled; parallel output is enabled.
Table 39:
Power Consumption – Condition 1
fEXTCLK = 27 MHz; VDD = 1.8V; VDD _IO = 2.8V; VAA =2.8V;VAA_PIX=2.8V;
VDD _PLL = 2.8V; VDD _DAC = 2.8V
Power Plane
Supply
Condition 1
Typ Power
Max Power
Unit
VDD
1.8
55
65
mW
VDD_IO
2.8
Parallel off
5
10
mW
VAA
2.8
95
112
mW
VAA_PIX
2.8
2.5
5
mW
VDD_DAC
2.8
Single 75
65
70
mW
VDD_PLL
2.8
20
25
mW
Total
242.5
287
mW
Table 40:
Power Consumption – Condition 2
fEXTCLK = 27 MHz; VDD = 1.8V; VDD _IO = 2.8V; VAA =2.8V;VAA_PIX=2.8V;
VDD _PLL = 2.8V; VDD _DAC = 2.8V
Power Plane
Supply
Condition 2
Typ Power
Max Power
Unit
VDD
1.8
55
65
mW
VDD_IO
2.8
Parallel on
30
50
mW
VAA
2.8
95
112
mW
VAA_PIX
2.8
2.5
5
mW
VDD_DAC
2.8
VDAC off
2
5
mW
VDD_PLL
2.8
20
25
mW
Total
204.5
262
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com