Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 13 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 9Page - ON Semiconductor ASX340CS Datasheet HTML 10Page - ON Semiconductor ASX340CS Datasheet HTML 11Page - ON Semiconductor ASX340CS Datasheet HTML 12Page - ON Semiconductor ASX340CS Datasheet HTML 13Page - ON Semiconductor ASX340CS Datasheet HTML 14Page - ON Semiconductor ASX340CS Datasheet HTML 15Page - ON Semiconductor ASX340CS Datasheet HTML 16Page - ON Semiconductor ASX340CS Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
13
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Pin Descriptions and Assignments
Notes:
1. The reason for defining the default state as logic 0 rather than high impedance is this: when wired
in a system (for example, on ON Semiconductor’s demo boards), these outputs will be connected,
and the inputs to which they are connected will want to see a valid logic level. No current drain
should result from driving these to a valid logic level (unless there is a pull-up at the system level).
2. These pads have their input circuitry powered down, but they are not output-enabled. Therefore,
they can be left floating but they will not drive a valid logic level to an attached device.
PIXCLK
High impedance
Driven, logic 0
Output. This interface disabled by default.
See Note 1.
DOUT7
DOUT6
DOUT5
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
DOUT_LSB1
High impedance
High impedance
Input/Output. This interface disabled by
default. Input buffers (used for GPIO function)
powered down by default, so these pins can
be left unconnected (floating). After reset,
these pins are powered-up, sampled, then
powered down again as part of the auto-
configuration mechanism.
DOUT_LSB0
High impedance
HIgh impedance
DAC_POS
High impedance
Driven
Output. Interface disabled by hardware reset
and enabled by default when the device starts
streaming.
DAC_NEG
DAC_REF
TDI
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can
be left unconnected (floating).
TDO
High impedance
High impedance
Output. Driven only during appropriate parts
of the JTAG shifter sequence.
TMS
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can
be left unconnected (floating).
TCK
Internal pull-up enabled
Internal pull-up enabled
Input. Internal pull-up means that this pin can
be left unconnected (floating).
TRST_N
N/A
N/A
Input. Must always be driven to a valid logic
level. Must be driven to GND for normal
operation.
FRAME_SYNC
N/A
N/A
Input. Must always be driven to a valid logic
level. Must be driven to GND if not used.
GPIO12
High impedance
High impedance
Input/Output. This interface disabled by
default. Input buffers (used for GPIO function)
powered down by default, so these pins can
be left unconnected (floating).
GPIO13
High impedance
High impedance
Input/Output. This interface disabled by
default. Input buffers (used for GPIO function)
powered down by default, so these pins can
be left unconnected (floating).
ATEST1
N/A
N/A
Must be driven to GND for normal operation.
ATEST2
N/A
N/A
Must be driven to GND for normal operation.
Table 3:
Reset/Default State of Interfaces (continued)
Name
Reset State
Default State
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com