Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 30 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 30 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 26Page - ON Semiconductor ASX340CS Datasheet HTML 27Page - ON Semiconductor ASX340CS Datasheet HTML 28Page - ON Semiconductor ASX340CS Datasheet HTML 29Page - ON Semiconductor ASX340CS Datasheet HTML 30Page - ON Semiconductor ASX340CS Datasheet HTML 31Page - ON Semiconductor ASX340CS Datasheet HTML 32Page - ON Semiconductor ASX340CS Datasheet HTML 33Page - ON Semiconductor ASX340CS Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
30
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Host Command Interface
ON Semiconductor’s sensors and SOCs contain numerous registers that are accessed
through a two-wire interface with speeds up to 400 kHz.
The ASX340CS in addition to writing or reading straight to/from registers or firmware
variables, has a mechanism to write higher level commands, the Host Command Inter-
face (HCI). Once a command has been written through the HCI, it will be executed by on
chip firmware and the results are reported back. In general, registers shall not be
accessed with the exception of registers that are marked for “User Access.”
EEPROM or Flash memory is also available to store commands for later execution.
Under DMA control, a command is written into the SOC and executed.
For a complete spec on host commands, refer to the ASX340CS Host Command Interface
Specification.
Figure 15:
Interface Structure
Host Command to FW
Response from FW
15
0
bit
1
0
command register
Addr 0x40
Addr 0xFC00
Addr 0xFC0E
Addr 0xFC02
Addr 0xFC04
Addr 0xFC06
Addr 0xFC08
Addr 0xFC0A
Addr 0xFC0C
14
door bell
15
0
bit
Parameter 0
Parameter 7
cmd_handler_params_pool_0
cmd_handler_params_pool_1
cmd_handler_params_pool_2
cmd_handler_params_pool_3
cmd_handler_params_pool_4
cmd_handler_params_pool_5
cmd_handler_params_pool_6
cmd_handler_params_pool_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com