Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 61 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 61 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 57Page - ON Semiconductor ASX340CS Datasheet HTML 58Page - ON Semiconductor ASX340CS Datasheet HTML 59Page - ON Semiconductor ASX340CS Datasheet HTML 60Page - ON Semiconductor ASX340CS Datasheet HTML 61Page - ON Semiconductor ASX340CS Datasheet HTML 62Page - ON Semiconductor ASX340CS Datasheet HTML 63Page - ON Semiconductor ASX340CS Datasheet HTML 64Page - ON Semiconductor ASX340CS Datasheet HTML 65Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
61
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Caution
Stresses greater than those listed in Table 34 may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device at these or any other con-
ditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliabil-
ity.
Notes:
1. VAA and VAA_PIX must all be at the same potential to avoid excessive current draw. Care must be
taken to avoid excessive noise injection in the analog supplies if all three supplies are tied together.
2. The imager operates in this temperature range, but image quality may degrade if it operates
beyond the functional operating temperature range.
Table 34:
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Min
Max
VDD
Digital power (1.8V)
-0.3
2.4
V
VDD_IO
I/O power (2.8v)
-0.3
4
V
VAA
VAA Analog power (2.8V)
-0.3
4
V
VAA_PIX
Pixel array power (2.8v)
-0.3
4
V
VDD_PLL
PLL power (2.8V)
-0.3
4
V
VDD_DAC
DAC power (2.8V)
-0.3
4
V
VIN
DC Input Voltage
-0.3
VDD_IO+0.3
V
VOUT
DC Output Voltage
-0.3
VDD_IO+0.3
V
TSTG
Storage temperature
-50
150
°C
Table 35:
Electrical Characteristics and Operating Conditions
Parameter1
Condition
Min
Typ
Max
Unit
Core digital voltage (VDD)
–
1.70
1.8
1.95
V
IO digital voltage (VDD_IO)
–
2.66
2.8
2.94
V
Video DAC voltage (VDD_DAC)
–
2.66
2.8
2.94
V
PLL Voltage (VDD_PLL)
–
2.66
2.8
2.94
V
Analog voltage (VAA)
–
2.66
2.8
2.94
V
Pixel supply voltage (VAA_PIX)
–
2.66
2.8
2.94
V
Leakage current
EXTCLK: HIGH or LOW
10
A
Imager operating temperature2
––30
+70
°C
Storage temperature
–
–50
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com