Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 19 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 19 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 15Page - ON Semiconductor ASX340CS Datasheet HTML 16Page - ON Semiconductor ASX340CS Datasheet HTML 17Page - ON Semiconductor ASX340CS Datasheet HTML 18Page - ON Semiconductor ASX340CS Datasheet HTML 19Page - ON Semiconductor ASX340CS Datasheet HTML 20Page - ON Semiconductor ASX340CS Datasheet HTML 21Page - ON Semiconductor ASX340CS Datasheet HTML 22Page - ON Semiconductor ASX340CS Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
19
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
Test Patterns
During normal operation of the ASX340CS, a stream of raw image data from the sensor
core is continuously fed into the color pipeline. For test purposes, this stream can be
replaced with a fixed image generated by a special test module in the pipeline. The
module provides a selection of test patterns sufficient for basic testing of the pipeline.
NTSC/PAL Test Pattern Generation
There is a built-in standard EIA (NTSC) and EBU (PAL) color bars to support hue and
color saturation characterization. Each pattern consists of seven color bars (white,
yellow, cyan, green, magenta, red, and blue). The Y, Cb and Cr values for each bar are
detailed in Tables 4 and 5.
Figure 10:
Color Bars
CCIR-656 Format
The color bar data is encoded in 656 data streams. The duration of the blanking and
active video periods of the generated 656 data are summarized in Tables 6 and 7.
Table 4:
EIA Color Bars (NTSC)
Nominal Range
White
Yellow
Cyan
Green
Magenta
Red
Blue
Y
16 to 235
180
162
131
112
84
65
35
Cb
16 to 240
128
44
156
72
184
100
212
Cr
16 to 240
128
142
44
58
198
212
114
Table 5:
EBU Color Bars (PAL)
Nominal Range
White
Yellow
Cyan
Green
Magenta
Red
Blue
Y
16 to 235
235
162
131
112
84
65
35
Cb
16 to 240
128
44
156
72
184
100
212
Cr
16 to 240
128
142
44
58
198
212
114
Table 6:
NTSC
Line Numbers
Field
Description
1-3
2
Blanking
4-19
1
Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com