Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 55 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 55 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 51Page - ON Semiconductor ASX340CS Datasheet HTML 52Page - ON Semiconductor ASX340CS Datasheet HTML 53Page - ON Semiconductor ASX340CS Datasheet HTML 54Page - ON Semiconductor ASX340CS Datasheet HTML 55Page - ON Semiconductor ASX340CS Datasheet HTML 56Page - ON Semiconductor ASX340CS Datasheet HTML 57Page - ON Semiconductor ASX340CS Datasheet HTML 58Page - ON Semiconductor ASX340CS Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
55
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Slew Rate
Figure 37:
Slew Rate Timing
Table 27:
Slew Rate for PIXCLK and DOUT
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; V_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; T = 25°C; CLOAD = 40 pF
PIXCLK
DOUT[7:0]
Unit
R0x30 [10:8]
Typical
Rise Time
Typical
Fall Time
R0x30 [2:0]
Typical
Rise Time
Typical
Fall Time
000
NA
NA
000
15.0
13.5
ns
001
NA
NA
001
9.0
8.5
ns
010
7.0
6.9
010
6.8
6.0
ns
011
5.2
5.0
011
5.2
4.8
ns
100
4.0
3.8
100
3.8
3.5
ns
101
3.0
2.8
101
3.3
3.3
ns
110
2.4
2.2
110
3.0
3.0
ns
111
1.9
1.7
111
2.8
2.8
ns
90%
10%
tris e
tfall
PIXCLK
D OUT
tris e
tfall
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com