Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 10 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 6Page - ON Semiconductor ASX340CS Datasheet HTML 7Page - ON Semiconductor ASX340CS Datasheet HTML 8Page - ON Semiconductor ASX340CS Datasheet HTML 9Page - ON Semiconductor ASX340CS Datasheet HTML 10Page - ON Semiconductor ASX340CS Datasheet HTML 11Page - ON Semiconductor ASX340CS Datasheet HTML 12Page - ON Semiconductor ASX340CS Datasheet HTML 13Page - ON Semiconductor ASX340CS Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
10
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Pin Descriptions and Assignments
Pin Descriptions and Assignments
Table 1:
Pin Descriptions
Pin Number
Pin Name
Type
Description
Clock and Reset
A2
EXTCLK
Input
Master input clock (27MHz): This can either be a square-wave generated from an
oscillator (in which case the XTAL input must be left unconnected) or connected
directly to a crystal.
B1
XTAL
Output
If EXTCLK is connected to one pin of a crystal, this signal is connected to the other
pin; otherwise this signal must be left unconnected.
D2
RESET_BAR
Input
Asynchronous active-low reset: When asserted, the device will return all interfaces
to their reset state. When released, the device will initiate the boot sequence. This
signal has an internal pull-up resistor.
E1
FRAME_SYNC
Input
This input can be used to set the output timing of the ASX340CS to a fixed point in
the frame.
The input buffer associated with this input is permanently enabled. This signal
must be connected to GND if not used.
Register Interface
F1
SCLK
Input
These two signals implement serial communications protocol for access to the
internal registers and variables.
F2
SDATA
Input/Output
E2
SADDR
Input
This signal controls the device ID that will respond to serial communication
commands.
Two-wire serial interface device ID selection:
0: 0x90
1: 0xBA
SPI Interface
D4
SPI_SCLK
Output
Clock output for interfacing to an external SPI memory such as Flash/EEPROM.
Tri-state when RESET_BAR is asserted.
E4
SPI_SDI
Input
Data in from SPI device. This signal has an internal pull-up resistor.
H3
SPI_SDO
Output
Data out to SPI device. Tri-state when RESET_BAR is asserted.
H2
SPI_CS_N
Output
Chip selects to SPI device. Tri-state when RESET_BAR is asserted.
(Parallel) Pixel Data Output
F7
FRAME_VALID
Input/Output Pixel data from the ASX340CS can be routed out on this interface and processed
externally.
To save power, these signals are driven to a constant logic level unless the parallel
pixel data output or alternate (GPIO) function is enabled for these pins.
This interface is disabled by default.
The slew rate of these outputs is programmable.
These signals can also be used as general purpose input/outputs.
G7
LINE_VALID
Input/Output
E6
PIXCLK
Output
F8, D6, D7,
C6, C7, B6,
B7, A6
DOUT[7:0]
Output
B3
DOUT_LSB1
Input/Output When the sensor core is running in bypass mode, it will generate 10 bits of output
data per pixel. These two pins make the two LSB of pixel data available externally.
Leave DOUT_LSB1 unconnected if not used. To save power, these signals are driven
to a constant logic level unless the sensor core is running in bypass mode or the
alternate function is enabled for these pins.The slew rate of these outputs is
programmable.
C2
DOUT_LSB0
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com