Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 43 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 43 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 39Page - ON Semiconductor ASX340CS Datasheet HTML 40Page - ON Semiconductor ASX340CS Datasheet HTML 41Page - ON Semiconductor ASX340CS Datasheet HTML 42Page - ON Semiconductor ASX340CS Datasheet HTML 43Page - ON Semiconductor ASX340CS Datasheet HTML 44Page - ON Semiconductor ASX340CS Datasheet HTML 45Page - ON Semiconductor ASX340CS Datasheet HTML 46Page - ON Semiconductor ASX340CS Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
43
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Overlay Adjustment
Overlay Adjustment
To ensure a correct position of the overlay to compensate for assembly deviation, the
overlay can be adjusted with assistance from the overlay statistics engine:
• The overlay statistics engine supports a windowed 8-bin luma histogram, either row-
wise (vertical) or column-wise (horizontal).
• The example calibration statistics can be used to perform an automatic successive-
approximation search of a cross-hair target within the scene.
• On the first frame, the firmware performs a coarse horizontal search, followed by a
coarse vertical search in the second frame.
• In subsequent frames, the firmware reduces the region-of-interest of the search to the
histogram bins containing the greatest accumulator values, thereby refining the
search.
• The resultant X, Y location of the cross-hair target can be used to assign a calibration
value of offset selected overlay graphic image positions within the output image.
• The calibration statistics patch also supports a manual mode, which allows the host
to access the raw accumulator values directly.
Figure 25:
Overlay Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com