Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 41 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 41 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 37Page - ON Semiconductor ASX340CS Datasheet HTML 38Page - ON Semiconductor ASX340CS Datasheet HTML 39Page - ON Semiconductor ASX340CS Datasheet HTML 40Page - ON Semiconductor ASX340CS Datasheet HTML 41Page - ON Semiconductor ASX340CS Datasheet HTML 42Page - ON Semiconductor ASX340CS Datasheet HTML 43Page - ON Semiconductor ASX340CS Datasheet HTML 44Page - ON Semiconductor ASX340CS Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
41
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Overlay Capability
Overlay Capability
Figure 23 highlights the graphical overlay data flow of theASX340CS. The images are
separated to fit into 2KB blocks of memory after compression.
• Up to four overlays may be blended simultaneously
• Overlay size 360 x 480 pixels rendered into a display area of 720 x 480 pixels (NTSC) or
720 x 576 (PAL)
• Selectable readout: rotating order is user programmable
• Dynamic movement through predefined overlay images
• Palette of 32 colors out of 64,000 with eight colors per bitmap
• Blend factors may be changed dynamically to achieve smooth transitions
The host commands allow a bitmap to be written piecemeal to a memory buffer through
the I2C, and also through DMA direct from SPI Flash memory. Multiple encoding passes
may be required to fit an image into a 2KB block of memory; alternatively, the image can
be divided into two or more blocks to make the image fit. Every graphic image may be
positioned in an x/y direction and overlap with other graphic images.
The host may load an image at any time. Under control of DMA assist, data are trans-
ferred to the off-screen buffer in compressed form. This assures that no display data are
corrupted during the replenishment of the four active overlay buffers.
Figure 23:
Overlay Data Flow
Note:
These images are not actually rendered, but show conceptual objects and object blending.
Off-screen
buffer
Overlay buffers: 2KB each
Decompress
Blend and Overlay
Flash
Bitmaps - compressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com