Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 63 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 63 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 59Page - ON Semiconductor ASX340CS Datasheet HTML 60Page - ON Semiconductor ASX340CS Datasheet HTML 61Page - ON Semiconductor ASX340CS Datasheet HTML 62Page - ON Semiconductor ASX340CS Datasheet HTML 63Page - ON Semiconductor ASX340CS Datasheet HTML 64Page - ON Semiconductor ASX340CS Datasheet HTML 65Page - ON Semiconductor ASX340CS Datasheet HTML 66Page - ON Semiconductor ASX340CS Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
63
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Notes:
1. All inputs are protected and may be active when all supplies (2.8V and 1.8V) are turned off.
Table 38:
Digital I/O Parameters
TA = Ambient = 25°C; All supplies at 2.8V
Signal
Parameter
Definitions
Condition
Min
Typ
Max
Unit
All
Outputs
Load capacitance
5
–
30
pF
VOH
Output high voltage
2.5
VDD_IO
–
V
VOL
Output low voltage
–0.3
–
0.4
V
IOH
Output high current
VDD_IO = 2.8V,
VOH= 2.5V
––
8
mA
IOL
Output low current
VDD_IO = 2.8V,
VOH=0.4V
––
8
mA
All
Inputs
VIH
Input high voltage
0.7 * VDD_IO
–
VDD_IO + 0.3
V
VIL
Input low voltage
–0.3
–
0.3 * VDD_IO
V
IIN
Input leakage current
–2
–
2
A
Signal CAP
Input signal
capacitance
–3.5
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com