Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 7 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 3Page - ON Semiconductor ASX340CS Datasheet HTML 4Page - ON Semiconductor ASX340CS Datasheet HTML 5Page - ON Semiconductor ASX340CS Datasheet HTML 6Page - ON Semiconductor ASX340CS Datasheet HTML 7Page - ON Semiconductor ASX340CS Datasheet HTML 8Page - ON Semiconductor ASX340CS Datasheet HTML 9Page - ON Semiconductor ASX340CS Datasheet HTML 10Page - ON Semiconductor ASX340CS Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
7
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
General Description
General Description
The ON Semiconductor ASX340CS is a VGA-format, single-chip CMOS active-pixel
digital image sensor for surveillance, door bell, and IP camera applications. It captures
high-quality color images at VGA resolution and outputs NTSC or PAL interlaced
composite video.
The VGA CMOS image sensor features ON Semiconductor’s breakthrough low-noise
imaging technology that achieves superior image quality (based on signal-to-noise ratio
and low-light sensitivity) while maintaining the inherent size, cost, low power, and inte-
gration advantages of ON Semiconductor's advanced active pixel CMOS process tech-
nology.
The ASX340CS is a complete camera-on-a-chip. It incorporates sophisticated camera
functions on-chip and is programmable through a simple two-wire serial interface or by
an attached SPI EEPROM or Flash memory that contains setup information that may be
loaded automatically at startup.
The ASX340CS performs sophisticated processing functions including color recovery,
color correction, sharpening, programmable gamma correction, auto black reference
clamping, auto exposure, 50Hz/60Hz flicker detection and avoidance, lens shading
correction, auto white balance (AWB), and on-the-fly defect identification and correc-
tion.
The ASX340CS outputs interlaced-scan images at 60 or 50 Fields per second, supporting
both NTSC and PAL video formats. The image data can be output on one or two output
ports:
• Composite analog video (single-ended and differential output support)
• Parallel 8-, 10-bit digital
Architecture
Internal Block Diagram
Figure 1:
Internal Block Diagram
Image Flow Processor
Color & Gamma Correction
Color Space Conversion
Edge Enhancement
Camera Control
AWB
AE
¼” VGA ROI
@ 60 frames per sec.
640 x 480 Active Array
SPI & 2W I/F
Interface
SPI
4
2
10
2. 8V
1.8V
Two-Wire I/F
Overlay
Graphics
Generation
VideoEncoder
DAC
8
NTSC /
PAL
BT -656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com