Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 12 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ASX340CS Datasheet HTML 8Page - ON Semiconductor ASX340CS Datasheet HTML 9Page - ON Semiconductor ASX340CS Datasheet HTML 10Page - ON Semiconductor ASX340CS Datasheet HTML 11Page - ON Semiconductor ASX340CS Datasheet HTML 12Page - ON Semiconductor ASX340CS Datasheet HTML 13Page - ON Semiconductor ASX340CS Datasheet HTML 14Page - ON Semiconductor ASX340CS Datasheet HTML 15Page - ON Semiconductor ASX340CS Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
ASX340CS_DS Rev. F Pub. 6/15 EN
12
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Pin Descriptions and Assignments
Pin Assignments
Pin 1 is not populated with a ball. That allows the device to be identified by an additional
marking.
Table 2:
Pin Assignments
1
2
3
4
5
6
7
8
AEXTCLK
GPIO13
DAC_REF
VDD
DOUT0VDD
VDD_PLL
BXTAL
VDD_IO
DOUT_LSB1
VAA
GND
DOUT2DOUT1VDD_IO
CGPIO12
DOUT_LSB0
TCK
TRST_N
GND
DOUT4DOUT3VDD_IO
DGND
RESET_BAR
TDI
SPI_SCLK
GND
DOUT6DOUT5VDD
EFRAME_SYNC
SADDR
VDD_IO
SPI_SDI
AGND
PIXCLK
VDD
VDD_IO
FSCLK
SDATA
TMS
AGND
DAC_POS
ATEST2
FRAME_VALID
DOUT7
GVDD
TDO
VDD
VREG_BASE
DAC_NEG
ATEST1
LINE_VALID
VDD_IO
H
GND
SPI_CS_N
SPI_SDO
Reserved
VDD_DAC
VAA
VAA_PIX
VDD_IO
Table 3:
Reset/Default State of Interfaces
Name
Reset State
Default State
Notes
EXTCLK
Clock running or stopped
Clock running
Input
XTAL
N/A
N/A
Input
RESET_BAR
Asserted
De-asserted
Input
SCLK
N/A
N/A
Input. Must always be driven to high via
a pull-up resistor in the range of 1.5 to 4.7 k.
SDATA
High impedance
High impedance
Input/Output. Must always be driven to high
via
a pull-up resistor in the range of 1.5 to 4.7 k.
SADDR
N/A
N/A
Input. Must be permanently tied to VDD_IO or
GND.
SPI_SCLK
High impedance.
Driven, logic 0
Output. Output enable is R0x0032[13].
SPI_SDI
Internal pull-up enabled.
Internal pull-up enabled
Input. Internal pull-up is permanently
enabled.
SPI_SDO
High impedance
Driven, logic 0
Output enable is R0x0032[13].
SPI_CS_N
High impedance
Driven, logic 1
Output enable is R0x0032[13].
FRAME_VALID
High impedance
High impedance
Input/Output. This interface disabled by
default. Input buffers (used for GPIO function)
powered down by default, so these pins can
be left unconnected (floating). After reset,
these pins are powered up, sampled, then
powered down again as part of the auto-
configuration mechanism. See Note 2.
LINE_VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com