Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASX340CS
Description  1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340CS Datasheet(HTML) 1 Page - ON Semiconductor

  ASX340CS Datasheet HTML 1Page - ON Semiconductor ASX340CS Datasheet HTML 2Page - ON Semiconductor ASX340CS Datasheet HTML 3Page - ON Semiconductor ASX340CS Datasheet HTML 4Page - ON Semiconductor ASX340CS Datasheet HTML 5Page - ON Semiconductor ASX340CS Datasheet HTML 6Page - ON Semiconductor ASX340CS Datasheet HTML 7Page - ON Semiconductor ASX340CS Datasheet HTML 8Page - ON Semiconductor ASX340CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Features
ASX340CS_DS Rev. F Pub. 6/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/4-Inch Color CMOS NTSC/PAL Digital Image
SOC with Overlay Processor
ASX340CS Datasheet, Rev. F
For the latest datasheet, please visit www.onsemi.com
Features
• Low-power CMOS image sensor with integrated
image flow processor (IFP) and video encoder
• 1/4-inch optical format, VGA resolution (640H x
480V)
• 2x upscaling zoom and pan control
• ±40 additional columns and ±36 additional rows to
compensate for lens alignment tolerances
• Option to use single 2.8V power supply with off-chip
bypass transistor
• Overlay generator for dynamic bitmap overlay
• Integrated video encoder for NTSC/PAL with overlay
capability and 10-bit I-DAC
• On-chip image flow processor performs
sophisticated processing, such as color recovery and
correction, sharpening, gamma, lens shading
correction, on-the-fly defect correction, auto white
balancing, and auto exposure
• Auto black-level calibration
• 10-bit, on-chip analog-to-digital converter (ADC)
• Internal master clock generated by on-chip phase-
locked loop (PLL)
• Two-wire serial programming interface
• Interface to low-cost EEPROM and Flash through SPI
bus
• High-level host command interface
• Stand-alone operation support
• Comprehensive tool support for overlay generation
and lens correction setup
• Development system with DevWare
Applications
•Surveillance and video camera
• Door bell camera
• Internet Protocol (IP) camera
Key parameters are continued on next page.
See “New Features” on page 3.
See “Ordering Information” on page 3
Table 1:
Key Parameters
Parameter
Typical Value
Pixel size
and type
5.6 m x 5.6 m active pinned-
photodiode with high-sensitivity mode
for low-light conditions
Sensor clear pixels
728H x 560V (includes VGA active
pixels,
demosaic and lens alignment pixels)
NTSC output
720H x 487V
PAL output
720H x 576V
Optical area (clear
pixels)
4.077mm x 3.136mm
Optical format
¼-inch
Frame rate
50/60 fields/sec
Sensor scan mode
Progressive scan
Color filter array
RGB standard Bayer
Chief Ray Angle
(CRA)
0°
Shutter type
Electronic rolling shutter (ERS)
Automatic Functions
Exposure, white balance, black level
offset correction, flicker detection and
avoidance, color saturation control,
on the-fly defect correction, aperture
correction
Programmable
Controls
Exposure, white balance, horizontal
and vertical blanking, color, sharpness,
gamma correction, lens shading
correction, horizontal and vertical
image flip, zoom, windowing, sampling
rates, GPIO control


Similar Part No. - ASX340CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASX340CS2C00SPEA0 ETC2-ASX340CS2C00SPEA0 Datasheet
2Mb / 78P
1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
ASX340CS2C00SPEA0-E ETC2-ASX340CS2C00SPEA0-E Datasheet
2Mb / 78P
1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
ASX340CS2C00SPEAD-E ETC2-ASX340CS2C00SPEAD-E Datasheet
2Mb / 78P
1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
ASX340CS2C00SPEAH-E ETC2-ASX340CS2C00SPEAH-E Datasheet
2Mb / 78P
1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
More results

Similar Description - ASX340CS

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7366 PIXART-PAC7366 Datasheet
608Kb / 23P
NTSC/PAL DIGITAL IMAGE SOC
logo
ON Semiconductor
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
MT9V136 ONSEMI-MT9V136 Datasheet
2Mb / 82P
Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. J Pub. 6/15 EN
MT9V137 ONSEMI-MT9V137 Datasheet
2Mb / 79P
Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. E Pub. 4/15 EN
MT9V138 ONSEMI-MT9V138 Datasheet
2Mb / 77P
Inch Color CMOS NTSC/PAL Digital Image SOC with Overlay Processor
Rev. D Pub. 5/15 E
ASX340AT ONSEMI-ASX340AT_16 Datasheet
1Mb / 54P
1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
MT9V127 ONSEMI-MT9V127 Datasheet
2Mb / 82P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. G Pub. 5/15 EN
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
logo
List of Unclassifed Man...
ASX340 ETC2-ASX340 Datasheet
2Mb / 78P
1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
logo
ON Semiconductor
MT9V126 ONSEMI-MT9V126 Datasheet
2Mb / 89P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC with Distortion Correction and Overlay Processor
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com