Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2128 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2128
Description  75V, Synchronous Buck Controller Featuring Adaptive On-Time Control with External Soft Start
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2128 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2128 Datasheet HTML 17Page - Microchip Technology MIC2128 Datasheet HTML 18Page - Microchip Technology MIC2128 Datasheet HTML 19Page - Microchip Technology MIC2128 Datasheet HTML 20Page - Microchip Technology MIC2128 Datasheet HTML 21Page - Microchip Technology MIC2128 Datasheet HTML 22Page - Microchip Technology MIC2128 Datasheet HTML 23Page - Microchip Technology MIC2128 Datasheet HTML 24Page - Microchip Technology MIC2128 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005620A-page 21
MIC2128
EQUATION 5-8:
EQUATION 5-9:
EQUATION 5-10:
5.4.2
LOW-SIDE MOSFET POWER
LOSSES
The total power loss in the low-side MOSFET (PLSFET)
is the sum of the power losses because of conduction
(PCONDUCTION(LS)) and body diode conduction during
the dead time (PDT) as calculated in Equation 5-11.
EQUATION 5-11:
EQUATION 5-12:
ILOAD is the load current and D is the operating duty
cycle.
5.5
Inductor Selection
Inductance value, saturation and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine
the peak-to-peak inductor ripple current.
The lower the inductance value, the higher the
peak-to-peak ripple current through the inductor, which
increases the core losses in the inductor. Higher
inductor ripple current also requires more output
capacitance to smooth out the ripple current. The
greater
the
inductance
value,
the
lower
the
peak-to-peak ripple current, which results in a larger
and more expensive inductor.
A good compromise between size, loss and cost is to
set the inductor ripple current to be equal to 30% of the
maximum output current.
The inductance value is calculated by Equation 5-13:
EQUATION 5-13:
For a selected Inductor, the peak-to-peak inductor
ripple current ripple can be calculated using
Equation 5-14.
EQUATION 5-14:
The peak inductor current is equal to the load current
plus one half of the peak-to-peak inductor current ripple
which is shown in Equation 5-15.
EQUATION 5-15:
t
R
Q
SW HS

R
DH PULL_UP

R
HS GATE

+

V
DD
V
TH
–
------------------------------------------------------------------------------------------------------
=
t
F
Q
SW HS

R
DH P ULL_DOWN

R
HS GATE

+

V
TH
-------------------------------------------------------------------------------------------------------------
=
Where:
RDH(PULL-UP)
= High-side gate driver pull-up
resistance
RDH(PULL-DOWN) = High-side gate driver pull-down
resistance
RHS(GATE)
= High-side MOSFET gate resistance
VTH
= Gate threshold voltage of the
high-side MOSFET
QSW(HS)
= Switching gate charge of the
high-side MOSFET which can be
approximated by Equation 5-10.
Q
SW HS

Q
GS HS

2
--------------------
Q
GD HS

+
=
Where:
QGS(HS)
= High-side MOSFET gate to source
charge
QGD(HS) = High-side MOSFET gate to drain charge
P
LSFET
P
C ONDUC TION LS

P
DT
+
=
P
CONDUCTION LS

I
RMS LS

2 R
DS ON _LS

=
P
DT
2
V
F
I
LOAD
t
DT
f
SW
=
Where:
RDS(ON_LS) = On-resistance of the low-side MOSFET
VF
= Low-side MOSFET body diode forward
voltage drop
tDT
= Dead time which is approximately 20 ns
fSW
= Switching Frequency
IRMS(LS)
= RMS current of the low-side MOSFET
which can be calculated using
Equation 5-12
I
RMS LS

I
LOAD
1
D
–
=
L
V
OUT
V
IN
V
OUT
–

V
IN
f
SW
0.3
I
FL
------------------------------------------------------
=
Where:
VIN
= Input voltage
fSW
= Switching frequency
IFL
= Full load current
VOUT
= Output voltage
I
L_PP
V
OUT
V
IN
V
OUT
–

V
IN
f
SW
L
------------------------------------------------------
=
I
L_PK
I
LOAD
I
L_PP
2
----------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com